Electronic Components Datasheet Search
  English  ▼

X  

MAX11663 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11663
Description  500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11663 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11663 Datasheet HTML 1Page - Maxim Integrated Products MAX11663 Datasheet HTML 2Page - Maxim Integrated Products MAX11663 Datasheet HTML 3Page - Maxim Integrated Products MAX11663 Datasheet HTML 4Page - Maxim Integrated Products MAX11663 Datasheet HTML 5Page - Maxim Integrated Products MAX11663 Datasheet HTML 6Page - Maxim Integrated Products MAX11663 Datasheet HTML 7Page - Maxim Integrated Products MAX11663 Datasheet HTML 8Page - Maxim Integrated Products MAX11663 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2 ______________________________________________________________________________________
500ksps, Low-Power,
Serial 12-/10-/8-Bit ADCs
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
VDD to GND.............................................................-0.3V to +4V
REF, OVDD, AIN1, AIN2, AIN to GND ........-0.3V to the lower of
(VDD + 0.3V) and +4V
CS, SCLK, CHSEL, DOUT TO GND............-0.3V to the lower of
(VOVDD + 0.3V) and +4V
AGND to GND......................................................-0.3V to +0.3V
Input/Output Current (all pins) ...........................................50mA
Continuous Power Dissipation (TA = +70NC)
6-Pin SOT23 (derate 8.7mW/NC above +70NC) ...........696mW
10-Pin FMAX (derate 8.8mW/NC above +70NC)........707.3mW
Operating Temperature Range....................... .-40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
ELECTRICAL CHARACTERISTICS (MAX11666)
(VDD = 2.2V to 3.6V, VREF = VDD, VOVDD = VDD. fSCLK = 8MHz, 50% duty cycle, 500ksps. CDOUT = 10pF, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 1)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity
INL
Q
1
LSB
Differential Nonlinearity
DNL
No missing codes
Q
1
LSB
Offset Error
OE
Q
0.3
Q
4
LSB
Gain Error
GE
Excluding offset and reference errors
Q
1
Q
3
LSB
Total Unadjusted Error
TUE
Q
1
LSB
Channel-to-Channel Offset
Matching
Q
0.4
LSB
Channel-to-Channel Gain
Matching
Q
0.05
LSB
DYNAMIC PERFORMANCE (fAIN = 250kHz)
Signal-to-Noise and Distortion
SINAD
70
72
dB
Signal-to-Noise Ratio
SNR
70.5
72.5
dB
Total Harmonic Distortion
THD
-85
-74.5
dB
Spurious-Free Dynamic Range
SFDR
75.5
85
dB
Intermodulation Distortion
IMD
f1 = 239.8kHz, f2 = 200.2kHz
-84
dB
Full-Power Bandwidth
-3dB point
40
MHz
Full-Linear Bandwidth
SINAD > 68dB
2.5
MHz
Small-Signal Bandwidth
45
MHz
Crosstalk
-90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com