Electronic Components Datasheet Search
  English  ▼

X  

IL221 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IL221
Description  PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL221 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IL221 Datasheet HTML 1Page - Siemens Semiconductor Group IL221 Datasheet HTML 2Page - Siemens Semiconductor Group IL221 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
IL221A/222A/223A
Figure 11. Switching schematic
VO
RL
VCC=10 V
F=10 KHz,
DF=50%
IF=5 mA
Figure 9. Normalized ICB versus IF
Figure 10. Switching timing
.1
1
10
100
.1
1
10
100
1000
Ta = -20°C
Ta = 25°C
Ta = 50°C
Ta =70°C
If - LED Current - mA
Normalized to:
IF = 1mA, Ta =25°C
Vcb = 10V
IF
tR
VO
tD
tS
tF
tPHL
tPLH
VTH=1.5 V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com