Electronic Components Datasheet Search
  English  ▼

X  

MAX14611 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX14611
Description  Quad Bidirectional Low-Voltage Logic-Level Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14611 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX14611 Datasheet HTML 7Page - Maxim Integrated Products MAX14611 Datasheet HTML 8Page - Maxim Integrated Products MAX14611 Datasheet HTML 9Page - Maxim Integrated Products MAX14611 Datasheet HTML 10Page - Maxim Integrated Products MAX14611 Datasheet HTML 11Page - Maxim Integrated Products MAX14611 Datasheet HTML 12Page - Maxim Integrated Products MAX14611 Datasheet HTML 13Page - Maxim Integrated Products MAX14611 Datasheet HTML 14Page - Maxim Integrated Products MAX14611 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
���������������������������������������������������������������� Maxim Integrated Products 11
MAX14611
Quad Bidirectional Low-Voltage
Logic-Level Translator
Detailed Description
The MAX14611 ESD-protected level translator provides
the level shifting necessary to allow data transfer in a
multivoltage system. Externally applied voltages, VCC
and VL, set the logic levels on either side of the device.
A low-voltage logic signal present on the VL side of the
device appears as a high-voltage logic signal on the VCC
side of the device, and vice-versa.
The MAX14611 bidirectional level translator uti-
lizes a transmission-gate based design (see the
Functional Diagram) to allow data translation in either
direction (VL ↔ VCC) on any single data line. The device
accepts VL from +0.9V to +5.0V and VCC from +1.65V
to +5.5V, making it ideal for data transfer between low-
voltage ASICs/PLDs and higher voltage systems.
The device features a three-state output mode, thermal
short-circuit protection, and Q6kV ESD protection on the
VCC side for greater protection in applications that route
signals externally.
Level Translation
For proper operation, ensure that +1.65V P VCC P +5.5V,
0.9V P VL P 5.0V, and VL P (VCC + 0.3V). It is permissible
for VL to exceed (VCC + 0.3V) during power-up sequenc-
ing. During power-supply sequencing, when VCC is
disconnected and VL is powered up, a current can be
sourced without a latchup or any damage to the device.
The maximum data rate of the MAX14611 depends
heavily on load capacitance (see the Typical Operating
Characteristics), output impedance of the driver, and
the operational voltage (see the Timing Characteristics
table).
Speed-Up Circuitry
The device features a one-shot generator that decreases
the rise time of the output. When triggered following a ris-
ing edge, MOSFETs PU1 and PU2 turn on for a short time
to pull up I/OVL_ and I/OVCC_ to their respective sup-
plies (see the Functional Diagram). This greatly reduces
the rise time and propagation delay for the low-to-high
transition.
Functional Diagram
I/OVL_
PU1
PU2
VL
TS
VCC
I/OVCC_
MAX14611
ONE-SHOT
BLOCK
N
EN CONTROL
BLOCK
GATE
DRIVE
ONE-SHOT
BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com