Electronic Components Datasheet Search
  English  ▼

X  

MAX14611 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX14611
Description  Quad Bidirectional Low-Voltage Logic-Level Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14611 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX14611 Datasheet HTML 7Page - Maxim Integrated Products MAX14611 Datasheet HTML 8Page - Maxim Integrated Products MAX14611 Datasheet HTML 9Page - Maxim Integrated Products MAX14611 Datasheet HTML 10Page - Maxim Integrated Products MAX14611 Datasheet HTML 11Page - Maxim Integrated Products MAX14611 Datasheet HTML 12Page - Maxim Integrated Products MAX14611 Datasheet HTML 13Page - Maxim Integrated Products MAX14611 Datasheet HTML 14Page - Maxim Integrated Products MAX14611 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
���������������������������������������������������������������� Maxim Integrated Products 13
MAX14611
Quad Bidirectional Low-Voltage
Logic-Level Translator
Applications Circuit
Figure 5. Open-Drain Operation
TS
I/OVL1
I/OVL2
I/OVL3
DATA
DATA
I/OVL4
I/OVCC1
+1.8V
+3.3V
VL
VCC
+3.3V
SYSTEM
I/OVCC2
I/OVCC3
I/OVCC4
+1.8V SYSTEM
CONTROLLER
0.1µF
1µF
MAX14611
TS
I/OVL1
I/OVL2
I/OVL3
I/OVL4
EN
SDA
SDA
I/OVCC1
SCL
SDA
SCL
VL
VL = +1.8V
VCC = +3.3V
VL
VCC
GND
GND
GND
+3.3V
SYSTEM
VCC
VL
VL
VL
SCL
SDA
SCL
I/OVCC2
I/OVCC3
I/OVCC4
VCC
VCC
+1.8V SYSTEM
CONTROLLER
0.1µF
1µF
VCC
MAX14611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com