Electronic Components Datasheet Search
  English  ▼

X  

DTC114EKA Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # DTC114EKA
Description  Digital Transistors (Built-in Resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

DTC114EKA Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  DTC114EKA Datasheet HTML 1Page - WILLAS ELECTRONIC CORP DTC114EKA Datasheet HTML 2Page - WILLAS ELECTRONIC CORP DTC114EKA Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Digital Transistors (Built-in Resistors)
DTC114EM/DTC114EE/DTC114EUA
DTC114EKA /DTC114ECA/DTC114ESA
·Equivalent Circuit
DIGITAL TRANSISTOR (NPN)
FEATURES
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors(see equivalent circuit)
The bias resistors consist of thin-film resistors with complete isolation
to allow positive biasing of the input.They also have the advantage of
almost completely eliminating parasitic effects
Only the on/off conditions need to be set for operation, making device design easy
PIN CONNENCTIONS and MARKING
DTC114EM
SOT-723
1. IN
2. GND
3. OUT
MARKING:24
DTC114EE
SOT-523
1. IN
2. GND
3. OUT
MARKING:24
DTC114EUA
SOT-323
1. IN
2. GND
3. OUT
MARKING:24
DTC114EKA
SOT-23-3L
1. IN
2. GND
3. OUT
MARKING:24
DTC114ECA
SOT-23
1. IN
2. GND
3. OUT
MARKING:24
DTC114ESA
TO-92S
1. GND
2. OUT
3. IN
201
2-05
WILLAS ELECTRONIC CORP.
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, very low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Very tiny plastic SMD package.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
•
•
•
•
•
•
•
•
•
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-323
-L
• Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.008 gram
•
Package outline
1.0A Surface Mount Schottky Barrier
Rectifiers - 20V-40V
SL12-N THRU SL14-N
Maximum ratings (AT T =25
A
oC unless otherwise noted)
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
θJA
C
J
T
STG
A
A
mA
OC/W
OC
pF
1.0
30
0.5
+175
-65
O
V
= V
T = 25 C
R
RRM
J
Junction to ambient
130
SL12-N
SL13-N
SL14-N
20
30
40
14
21
28
20
30
40
-55 to +100
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.0A
F
V
F
(V)
*4
0.40
0.40
0.38
O
( C)
Operating
temperature
T ,
J
0.012(0.3) Typ.
0.016(0.4) Typ.
0.016(0.4) Typ.
0.106 (2.7)
0.091 (2.3)
0.057 (1.45)
0.041 (1.05)
0.047 (1.2)
0.031 (0.8)
Dimensions in inches and (millimeters)
SOD-323
-L
Low VF Chip Schottky Barrier Diodes
WILLAS ELECTRONIC CORP.
201 .1
Halogen free product for packing code suffix "H"
RoHS product for packing code suffix "G"
WILLAS


Similar Part No. - DTC114EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114EKA ROHM-DTC114EKA Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
Digital transistors(built-in resistors)
logo
Rohm
DTC114EKA ROHM-DTC114EKA Datasheet
90Kb / 4P
Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTC114EKA ETL-DTC114EKA Datasheet
104Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114EKA SECOS-DTC114EKA Datasheet
511Kb / 2P
Digital Transistors NPN (Built-in Resistors)
More results

Similar Description - DTC114EKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZE ROHM-DTA113ZE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123EE ROHM-DTA123EE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTA123YE ROHM-DTA123YE Datasheet
68Kb / 3P
Digital transistors (built-in resistors)
DTB123YK ROHM-DTB123YK Datasheet
65Kb / 3P
Digital transistors (built-in resistors)
DTB133HK ROHM-DTB133HK Datasheet
53Kb / 1P
Digital transistors (built-in resistors)
DTC143ZE ROHM-DTC143ZE Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC363EU ROHM-DTC363EU Datasheet
105Kb / 4P
Digital transistors (built-in resistors)
DTD114EK ROHM-DTD114EK Datasheet
60Kb / 2P
Digital transistors (built-in resistors)
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC143ZE SECOS-DTC143ZE Datasheet
205Kb / 2P
Digital Transistors (Built-in Resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com