Electronic Components Datasheet Search
  English  ▼

X  

DTC114EKA Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # DTC114EKA
Description  Digital Transistors (Built-in Resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

DTC114EKA Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  DTC114EKA Datasheet HTML 1Page - WILLAS ELECTRONIC CORP DTC114EKA Datasheet HTML 2Page - WILLAS ELECTRONIC CORP DTC114EKA Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS(Ta=25
℃ unless otherwise noted)
Limits(DTC114E
□)
Symbol
Parameter
M
E
UA
KA
CA
SA
Unit
VCC
Supply Voltage
50
V
VIN
Input Voltage
-10~+40
V
IO
Output Current
50
mA
ICM
Peak Collector Current
100
mA
PD
Power Dissipation
100
150
200
300
mW
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-55~+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VI(off)
VCC=5V,IO=100µA
0.5
V
Input voltage
VI(on)
VO=0.3V,IO=10mA
3
V
Output voltage
VO(on)
IO/II=10mA/0.5mA
0.3
V
Input current
II
VI=5V
0.88
mA
Output current
IO(off)
VCC=50V,VI=0
0.5
μA
DC current gain
GI
VO=5V,IO=5mA
30
Input resistance
R1
7
10
13
kΩ
Resistance ratio
R2/R1
0.8
1
1.2
Transition frequency
fT
VO=10V,IO=5mA,f=100MHz
250
MHz
201
2-05
WILLAS ELECTRONIC CORP.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com