Electronic Components Datasheet Search
  English  ▼

X  

2N80 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N80
Description  2A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N80 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N80 Datasheet HTML 1Page - Unisonic Technologies 2N80 Datasheet HTML 2Page - Unisonic Technologies 2N80 Datasheet HTML 3Page - Unisonic Technologies 2N80 Datasheet HTML 4Page - Unisonic Technologies 2N80 Datasheet HTML 5Page - Unisonic Technologies 2N80 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-480.C
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 1)
IAR
2.4
A
Drain Current
Continuous
ID
2.4
A
Pulsed (Note 1)
IDM
9.6
A
Avalanche Energy
Single Pulsed (Note 2)
EAS
180
mJ
Repetitive (Note 1)
EAR
8.5
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.0
V/ns
Power Dissipation
TO-220F
PD
24
W
TO-251
TO-252
43
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 59mH, IAS = 2.4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 2.4A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220F
θJA
62.5
°C/W
TO-251
TO-252
110
Junction to Case
TO-220F
θJC
5.2
°C/W
TO-251
TO-252
2.85
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
800
V
Breakdown Voltage Temperature Coefficient △BVDSS/△TJ Reference to 25°C, ID=250µA
0.9
V/°C
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=0V
10
µA
VDS=640V, TC=125°C
100
Gate- Source Leakage Current
Forward
IGSS
VGS=+30V, VDS=0V
+100 nA
Reverse
VGS=-30V, VDS=0V
-100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
3.0
5.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.2A
4.8
6.3
Ω
Forward Transconductance (Note 1)
gFS
VDS=50V, ID=1.2A
2.65
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
425
550
pF
Output Capacitance
COSS
45
60
pF
Reverse Transfer Capacitance
CRSS
5.5
7.0
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com