Electronic Components Datasheet Search
  English  ▼

X  

2N80 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2N80
Description  2A, 800V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N80 Datasheet(HTML) 1 Page - Unisonic Technologies

  2N80 Datasheet HTML 1Page - Unisonic Technologies 2N80 Datasheet HTML 2Page - Unisonic Technologies 2N80 Datasheet HTML 3Page - Unisonic Technologies 2N80 Datasheet HTML 4Page - Unisonic Technologies 2N80 Datasheet HTML 5Page - Unisonic Technologies 2N80 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2N80
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-480.C
2A, 800V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 2N80 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide costumers planar stripe and
DMOS technology. This technology is specialized in allowing a
minimum on-state resistance and superior switching performance. It
also can withstand high energy pulse in the avalanche and
commutation mode.
The UTC 2N80 is universally applied in high efficiency switch
mode power supply.
FEATURES
* RDS(on) = 6.3Ω @VGS = 10 V
* High switching speed
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2N80L-TF3-T
2N80G-TF3-T
TO-220F
G
D
S
Tube
2N80L-TM3-R
2N80G-TM3-R
TO-251
G
D
S
Tube
2N80L-TN3-R
2N80G-TN3-R
TO-252
G
D
S
Tape Reel
2N80L-TN3-T
2N80G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - 2N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N80 UTC-2N80 Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2N80 ISC-2N80 Datasheet
68Kb / 2P
Drain Current ID= 2.4A@ TC=25C
logo
Unisonic Technologies
2N80-C UTC-2N80-C Datasheet
663Kb / 9P
2.0A, 800V NHANNEL POWER MOSFET
logo
American Microsemicondu...
2N808 AMMSEMI-2N808 Datasheet
1Mb / 2P
GERMABIUM PNP MESA TRANSISTORS
logo
Unisonic Technologies
2N80G-TF3-T UTC-2N80G-TF3-T Datasheet
170Kb / 6P
2 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 2N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
logo
Unisonic Technologies
2N80Z UTC-2N80Z Datasheet
235Kb / 6P
2A, 800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Rohm
R8002ANJ ROHM-R8002ANJ Datasheet
986Kb / 14P
Nch 800V 2A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Rohm
R8002ANJFRG ROHM-R8002ANJFRG Datasheet
1Mb / 14P
Nch 800V 2A Power MOSFET
R8002CND3FRA ROHM-R8002CND3FRA Datasheet
1Mb / 14P
Nch 800V 2A Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com