Electronic Components Datasheet Search
  English  ▼

X  

IL74 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL74
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL74 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL74 Datasheet HTML 1Page - Siemens Semiconductor Group IL74 Datasheet HTML 2Page - Siemens Semiconductor Group IL74 Datasheet HTML 3Page - Siemens Semiconductor Group IL74 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5–1
FEATURES
• 7400 Series T2L Compatible
• Transfer Ratio, 35% Typical
• Coupling Capacitance, 0.5 pF
• Single, Dual, & Quad Channel
• Industry Standard DIP Package
• Underwriters Lab File #E52744
•
VDE Approvals #0884
(Optional with Option 1, Add -X001 Suffix)
DESCRIPTION
The IL74 is an optically coupled pair with a Gal-
lium Arsenide infrared LED and a silicon NPN
phototransistor. Signal information, including a
DC level, can be transmitted by the device while
maintaining a high degree of electrical isolation
between input and output. The IL74 is especially
designed for driving medium-speed logic, where
it may be used to eliminate troublesome gound
loop and noise problems. Also it can be used to
replace relays and transformers in many digital
interface applications, as well as analog applica-
tions such as CRT modulation.
The ILD74 has two isolated channels in a single
DIP package; the ILQ74 has four isolated chan-
nels per package.
V
DE
Dimensions in inches (mm)
.008 (.20)
.012 (.31)
.130 (3.30)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.280 (7.11)
.330 (8.38)
.020 (.51)
.030 (.76)
.300 (7.62)
typ.
3
° to 9°
.0255 (.65)
typ.
.100 (2.54) typ.
.040 (1.02)
.050 (1.27)
.016 (.41)
.020 (.51)
1
2
3
.240 (6.10)
.260 (6.60)
.780 (19.81)
.800 (20.32)
pin one
ID.
14
9
8
.048 (1.22)
.052 (1.32)
.033 (.84)
typ.
16
15
.034 (.86)
6
7
4
5
10
11
12
13
.014
(.35)
typ.
1
2
3
4
8
7
6
5
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Emitter
Collector
Collector
Emitter
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
Anode
Cathode
Cathode
Anode
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID.
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
.268 (6.81)
.255 (6.48)
3
4
6
5
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (.76)
4
°
Typ.
.100 (2.54) Typ.
10
°
Typ.
3
°–9°
.305 typ.
(7.75) typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
1
2
8
7
Pin One I.D.
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
SINGLE CHANNEL
IL74
DUAL CHANNEL
ILD74
QUAD CHANNEL
ILQ74
PHOTOTRANSISTOR OPTOCOUPLER


Similar Part No. - IL74

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
09-Jan-08
logo
ISOCOM COMPONENTS
IL74 ISOCOM-IL74 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL74-X006 VISHAY-IL74-X006 Datasheet
191Kb / 9P
Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
09-Jan-08
More results

Similar Description - IL74

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
MCT2E QT-MCT2E Datasheet
608Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com