Electronic Components Datasheet Search
  English  ▼

X  

IL74 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL74
Description  PHOTOTRANSISTOR OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL74 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL74 Datasheet HTML 1Page - Siemens Semiconductor Group IL74 Datasheet HTML 2Page - Siemens Semiconductor Group IL74 Datasheet HTML 3Page - Siemens Semiconductor Group IL74 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5–2
IL/ILD/ILQ74
Maximum Ratings
Emitter (each channel)
Peak Reverse Voltage .....................................3.0 V
Continuous Forward Current .........................60 mA
Power Dissipationat 25
°C...........................100 mW
Derate Linearly from 25
°C....................1.33 mW/°C
Detector (each channel)
Collector-Emitter Breakdown Voltage ..............20 V
Emitter-Base Breakdown Voltage .......................5 V
Collector-Base Breakdown Voltage .................70 V
Power Dissipation at 25
°C..........................150 mW
Derate Linearly from 25
°C......................2.0 mW/°C
Package
Isolation Test Voltage (t=1 sec.) ........ 5300 VACRMS
Isolation Resistance
VIO=500 V, TA=25°C ............................... ≥10
12
Ω
VIO=500 V, TA=100°C ............................. ≥10
11
Ω
Total Package Dissipation
at 25
°C Ambient (LED Plus Detector)
IL74.........................................................200 mW
ILD74 ......................................................400 mW
IL74Q ......................................................500 mW
Derate Linearly from 25
°C
IL74.....................................................2.7 mW/
°C
ILD74 ................................................5.33 mW/
°C
ILQ74 ................................................6.67 mW/
°C
Creepage ............................................... 7 mm min.
Clearance............................................... 7 mm min.
Storage Temperature ...................–55
°C to +150°C
Operating Temperature ...............–55
°C to +100°C
Lead Soldering Time at 260
°C .................... 10 sec.
Electrical Characteristics (TA=25°C)
Symbol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.3
1.5
V
IF=20 mA
Reverse Current
IR
0.1
100
µAV
R=3.0 V
Capacitance
CO
25
pF
VR=0
Detector
Breakdown
Voltage,
Collector-Emitter
BVCEO
20
50
V
IC=1 mA
Leakage Current,
Collector-Emitter
ICEO
5.0
500
nA
VCE=5 V,
IF=0
Capacitance,
Collector-Emitter
CCE
10.0
pF
VCE=0,
F=1 MHz
Package
DC Current Trans-
fer Ratio
CTRDC
12.5
35
%
IF=16 mA,
VCE=5 V
Saturation Voltage,
Collector-Emitter
VCEsat
0.3
0.5
V
IC=2 mA,
IF=16 mA
Resistance, Input
to Output
RIO
100
G
Ω
Capacitance, Input
to Output
CIO
0.5
pF
Switching Times
tON,tOFF
3.0
µsR
E=100 Ω,
VCE=10 V,
IC=2 mA
Figure 1. Forward voltage versus forward current
Figure 2. Normalized non-saturated and saturated
CTR at TA=25°C versus LED current
Figure 3. Normalized non-saturated and saturated
CTR at TA=50°C versus LED current
Figure 4. Normalized non-saturated and saturated
CTR at TA=70°C versus LED current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 85
°C
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA
Ta = 25
°C
CTRce(sat) Vce = 0.4V
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 50
°C
CTRce(sat) Vce = 0.4V
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Vce = 10V, IF = 10mA
Ta = 25
°C
Ta = 70
°C
CTRce(sat) Vce = 0.4V
Normalized to:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com