Electronic Components Datasheet Search
  English  ▼

X  

ILCT6 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # ILCT6
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILCT6 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  ILCT6 Datasheet HTML 1Page - Siemens Semiconductor Group ILCT6 Datasheet HTML 2Page - Siemens Semiconductor Group ILCT6 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• Current Transfer Ratio, 50% Typical
• Leakage Current, 1 nA Typ.
• Two Isolated Channels Per Package
• Direct Replacement for MCT6
• Underwriters Lab File #E52744
•
VDE 0884 Available with Option1
DESCRIPTION
The ILCT6 is a two channel opto isolator for high
density applications. Each channel consists of an
optically coupled pair with a gallium arsenide infra-
red LED and a silicon NPN phototransistor. Signal
information, including a DC level, can be transmit-
ted by the device while maintaining a high degree
of electrical isolation between input and output.
The ILCT6 is especially designed for driving
medium-speed logic, where it may be used to elimi-
nate troublesome ground loop and noise problems.
It can also be used to replace relays and transform-
ers in many digital interface applications, as well as
analog applications such as CRT modulation.
Maximum Ratings
Emitter (each channel)
Rated Forward Current, DC...........................60 mA
Peak Forward Current, DC
(1
µs pulse, 300 pps)......................................3 A
Power Dissipation at 25
°C Ambient ...........100 mW
Derate Linearly from 25
°C......................1.3 mW/°C
Detector (each channel)
Collector Current ...........................................30 mA
Collector-Emitter Breakdown Voltage...............30 V
Power Dissipation at 25
°C Ambient ...........150 mW
Derate Linearly from 25
°C.........................2 mW/°C
Package
Isolation Test Voltage......................... 5300 VACRMS
Isolation Resistance
VIO=500 V, TA=25°C ............................... ≥10
12
Ω
VIO=500 V, TA=100°C ............................. ≥10
11
Ω
Creepage ............................................... 7 mm min.
Clearance............................................... 7 mm min.
Total Package Dissipation
at 25
°C Ambient. ...................................400 mW
Derate Linearly from 25
°C....................5.33 mW/°C
Storage Temperature ...................–55
°C to +150°C
Operating Temperature ...............–55
°C to +100°C
Lead Soldering Time at 260
°C ................... 10 sec.
V
DE
Electrical Characteristics (TA=25°C)
Sym-
bol
Min.
Typ.
Max.
Unit
Condition
Emitter
Forward Voltage
VF
1.25
1.50
V
IF=20 mA
Reverse Current
IR
0.1
10
µAV
R=3.0 V
Junction
Capacitance
CJ
25
pF
VF=0 V
Detector
Breakdown Voltage,
Collector-Emitter
Emitter-Collector
BVCEO
BVECO
30
7.0
65
10
V
V
IC=10 µA
IE=10 µA
Leakage Current,
Collector -Emitter
ICEO
1.0
100
nA
VCE=10 V
Capacitance
Collector-Emitter
CCE
8.0
pF
VCE=0 V
Package
DC Current
Transfer Ratio
CTR
20
50
%
IF=10 mA,
VCE=10 V
Saturation Voltage,
Collector-Emitter
VCEsat
0.40
V
IC=2.0 mA,
IF=16 mA
Isolation
Capacitance
CISOL
0.5
pF
f=1.0 MHz
Capacitance
between Channels
0.4
pF
f=1.0 MHz
Bandwidth
150
KHz
IC=2.0 mA,
VCC=10 V,
RL= 100 Ω
Switching Times,
Output Transistor
ton, toff
3.0
µsI
C=2 mA,
RE=100 Ω,
VCE=10 V
Dimensions in inches (mm)
Pin One I.D.
.268 (6.81)
.255 (6.48)
3
4
6
5
.390 (9.91)
.379 (9.63)
.045 (1.14)
.030 (.76)
4
° Typ.
.100 (2.54) Typ.
10
° Typ.
3
°–9°
.305 Typ.
(7.75) Typ.
.022 (.56)
.018 (.46)
.012 (.30)
.008 (.20)
.135 (3.43)
.115 (2.92)
1
2
8
7
.150 (3.81)
.130 (3.30)
.040 (1.02)
.030 (.76 )
1
2
3
4
8
7
6
5
Emitter
Collector
Collector
Emitter
Anode
Cathode
Cathode
Anode
ILCT6
DUAL PHOTOTRANSISTOR
OPTOCOUPLER


Similar Part No. - ILCT6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
26-Oct-04
ILCT6 VISHAY-ILCT6 Datasheet
123Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
20-Dec-07
ILCT6-X007 VISHAY-ILCT6-X007 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
26-Oct-04
ILCT6-X007 VISHAY-ILCT6-X007 Datasheet
123Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
20-Dec-07
ILCT6-X009 VISHAY-ILCT6-X009 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
26-Oct-04
More results

Similar Description - ILCT6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MCT6H VISHAY-MCT6H Datasheet
95Kb / 7P
Dual Channel Optocoupler with Phototransistor
11-Jan-99
logo
QT Optoelectronics
MCT9001 QT-MCT9001 Datasheet
383Kb / 4P
DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
ILD610 SIEMENS-ILD610 Datasheet
58Kb / 3P
DUAL PHOTOTRANSISTOR OPTOCOUPLER
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
MCT6 SIEMENS-MCT6 Datasheet
53Kb / 3P
DUAL PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel
26-Oct-04
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
26-Oct-04
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
Optocoupler, Phototransistor Output, Dual Channel
20-Dec-07
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
Optocoupler, Phototransistor Output, Dual Channel
09-Jan-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com