Electronic Components Datasheet Search
  English  ▼

X  

ILCT6 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # ILCT6
Description  DUAL PHOTOTRANSISTOR OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

ILCT6 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  ILCT6 Datasheet HTML 1Page - Siemens Semiconductor Group ILCT6 Datasheet HTML 2Page - Siemens Semiconductor Group ILCT6 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
ILCT6
Figure 1. Forward voltage versus forward current
100
10
1
.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
IF - Forward Current - mA
Ta = -55
°C
Ta = 25
°C
Ta = 85
°C
Figure 2. Normalized non-saturated and
saturatedCTR at Ta=25
°C versus LED current
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA
Ta = 25
°C
CTRce(sat) Vce = 0.4V
Figure 3. Normalized non-saturated and
saturated CTR at Ta=50
°C versus LED current
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 50
°C
CTRce(sat) Vce = 0.4V
Figure 4. Normalized non-saturated and
saturated CTR at Ta=70
°C versus LED current
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
IF - LED Current - mA
Vce = 10V, IF = 10mA
Ta = 25
°C
Ta = 70
°C
CTRce(sat) Vce = 0.4V
Normalized to:
Figure 8. Propagation delay versus collector
load resistor
100
10
1
.1
1
10
100
1000
1.0
1.5
2.0
2.5
RL - Collector Load Resistor - K
Ω
tpLH
tpHL
Ta = 25
°C, IF = 10mA
Vcc = 5 V,Vth = 1.5 V
Figure 6. Collector-emitter current versus
temperature and LED current
60
50
40
30
20
10
0
0
5
10
15
20
25
30
35
50
°C
70
°C
85
°C
IF - LED Current - mA
25
°C
Figure 7. Collector-emitter leakage current
versus temperature
100
80
60
40
20
0
-20
10
10
10
10
10
10
10
10
-2
-1
0
1
2
3
4
5
Ta - Ambient Temperature -
°C
TYPICAL
Vce = 10V
Figure 5. Normalized non-saturated and
saturated CTR at Ta=85
°C versus LED current
100
10
1
.1
0.0
0.5
1.0
1.5
NCTR(SAT)
NCTR
Normalized to:
Vce = 10V, IF = 10mA, Ta = 25
°C
Ta = 85
°C
CTRce(sat) Vce = 0.4V
IF - LED Current - mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com