Electronic Components Datasheet Search
  English  ▼

X  

6N60Z Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N60Z
Description  6.2A, 600V N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N60Z Datasheet(HTML) 1 Page - Unisonic Technologies

  6N60Z Datasheet HTML 1Page - Unisonic Technologies 6N60Z Datasheet HTML 2Page - Unisonic Technologies 6N60Z Datasheet HTML 3Page - Unisonic Technologies 6N60Z Datasheet HTML 4Page - Unisonic Technologies 6N60Z Datasheet HTML 5Page - Unisonic Technologies 6N60Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N60Z
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-741.a
6.2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N60Z is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and high rugged
avalanche characteristics. This power MOSFET is usually used at
high speed switching applications in switching power supplies and
adaptors.
FEATURES
* RDS(ON) = 1.5Ω @VGS = 10V
* Ultra low gate charge (typical 20 nC )
* Low reverse transfer Capacitance ( CRSS = typical 10pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
2.Drain
3.Source
1.Gate
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
6N60ZL-TF3-T
6N60ZG-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 6N60Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60ZG-TF3-T UTC-6N60ZG-TF3-T Datasheet
226Kb / 6P
N-CHANNEL POWER MOSFET
6N60ZL-TF3-T UTC-6N60ZL-TF3-T Datasheet
226Kb / 6P
N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z_15 Datasheet
226Kb / 6P
N-CHANNEL POWER MOSFET
More results

Similar Description - 6N60Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N65 UTC-6N65 Datasheet
252Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
6.2A 650V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
Single N-Channel, 30V, 6.2A, Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com