Electronic Components Datasheet Search
  English  ▼

X  

L1913 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # L1913
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913 Datasheet(HTML) 7 Page - Unisonic Technologies

  L1913 Datasheet HTML 1Page - Unisonic Technologies L1913 Datasheet HTML 2Page - Unisonic Technologies L1913 Datasheet HTML 3Page - Unisonic Technologies L1913 Datasheet HTML 4Page - Unisonic Technologies L1913 Datasheet HTML 5Page - Unisonic Technologies L1913 Datasheet HTML 6Page - Unisonic Technologies L1913 Datasheet HTML 7Page - Unisonic Technologies L1913 Datasheet HTML 8Page - Unisonic Technologies L1913 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
L1913
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 9
www.unisonic.com.tw
QW-R502-439.b
APPLICATION INFORMATION (Cont.)
Over Current Protection
To monitor the output current, the UTC L1913 applies a current mirror. A portion of the PMOS output transistor’s
current is mirrored to a resistor such that the voltage across this resistor is proportional to the output current. Once
the output current exceeds limit threshold, UTC L1913 would be protected with a limited output current. Further more,
when the output is short to ground, the output current would be folded-back to a less limit.
Note: the input bypass capacitor of 1µF must be placed in the circuit in order to filter out the input voltage spike
caused by the surge current due to the inductive effect of the package pin and the printed circuit board’s routing wire.
Otherwise, the actual voltage at the IN pin may exceed the absolute maximum rating.
Over Temperature Protection
Over-temperature protection circuit is designed to prevent this device from being damaged due to abnormal
temperature during operation. It is used to turn off the output MOSFET if the temperature is higher than 150°C, the
switch does not turn on until the temperature drops to 135°C.
Shutdown Mode
The UTC L1913 enters shutdown mode if the SHDN pin is applied to a logic low voltage. Under the shutdown
state, all the analog circuits are turned off completely, which reduces the current consumption to only the leakage
current. The UTC L1913 output pass transistor would get into high impedance level. There is an internal discharge
path to help to shorten discharge delay time..
Operating Region and Power Dissipation
The UTC L1913 is a linear regulator, so the power dissipation can be expressed by: P = IOUT (VIN – VOUT). And the
maximum power dissipation is calculated by:
PD(MAX) = (TJ–TA)/θJA,=(150°C -25°C)/240°C/W= 520mW
(Where (TJ–TA) is the temperature difference the die and the ambient air; θJA, is the thermal resistance of the
chosen package to the ambient air.)
For surface mount device, heat sinking is accomplished by using the heat spreading capabilities of the PC board
and its copper traces. The die attachment area of the UTC L1913’s lead frame is connected to pin 2, which is the
GND pin. Therefore, the GND pin of UTC L1913 can carry away the heat of the UTC L1913 die very effectively.
Connecting the GND pin to ground using a large ground plane near the GND pin can improve the power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com