Electronic Components Datasheet Search
  English  ▼

X  

L1913 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # L1913
Description  150mA LOW-DROPOUT LINEAR REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L1913 Datasheet(HTML) 1 Page - Unisonic Technologies

  L1913 Datasheet HTML 1Page - Unisonic Technologies L1913 Datasheet HTML 2Page - Unisonic Technologies L1913 Datasheet HTML 3Page - Unisonic Technologies L1913 Datasheet HTML 4Page - Unisonic Technologies L1913 Datasheet HTML 5Page - Unisonic Technologies L1913 Datasheet HTML 6Page - Unisonic Technologies L1913 Datasheet HTML 7Page - Unisonic Technologies L1913 Datasheet HTML 8Page - Unisonic Technologies L1913 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
L1913
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-439.b
150mA LOW-DROPOUT LINEAR
REGULATORS
DESCRIPTION
The UTC L1913 is a low supply current, low dropout linear
regulator. It is operating at 2.5V - 5.5V. The supply current is as low
as 55μA in the no–load condition. In the shutdown mode, the
maximum supply current is less than 1μA.
A built-in over-temperature protection circuit is designed to protect
the device from being damaged by thermal overload. The
over-current protection limit is set at 250mA (TYP.) and 150mA
(MIN.).
The UTC L1913 can be operated on the following two modes.
When the SET pin is connected to ground, the output of L1913 is a
pre-set value and the external components are not needed to decide
the output voltage. When an output other than the preset value is
needed, two external resistors should be used as voltage dividers
and then the output voltage is decided by the resistor ratio.
The UTC L1913 is generally used in notebook computers, cellular
phones, PDAs, digital still camera and video recorders and other
hand-held devices.
FEATURES
* Low No-Load Supply Current: 55µA
* Guaranteed 150mA Output Current
* Dropout Voltage is 70mV @ 50mA Load
* OTP (Over-Temperature Protection) and Short-Circuit Protection
* Two Modes Of Operation:
Fixed Mode: 3.3V,1.5V.
Adjustable Mode: 1.25V - 5.5V
* Maximum Supply Current In Shutdown Mode is Less than 1µA
* Low Output Noise at 220µ VRMS
* Stability with Lost Cost Ceramic Capacitors
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
L1913L-xx-AF5-R
L1913G-xx-AF5-R
SOT-25
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - L1913

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
L1913G-XX-AF5-R UTC-L1913G-XX-AF5-R Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
More results

Similar Description - L1913

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
150mA Low-Dropout Linear Regulators
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
150mA Low-Dropout Linear Regulators
logo
SG Micro Corp
SG2010 SGMICRO-SG2010 Datasheet
526Kb / 9P
150mA, Low Power, Low Dropout, Linear Regulators
SGM2022 SGMICRO-SGM2022 Datasheet
518Kb / 8P
Dual, Low Dropout, 150mA RF - Linear Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
Linear Low-Dropout 150mA Voltage Regulators
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
150mA LOW-DROPOUT LINEAR REGULATORS
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
logo
ams AG
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
Linear Low-Dropout 150mA Voltage Regulators
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com