Electronic Components Datasheet Search
  English  ▼

X  

LM4811 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LM4811
Description  DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4811 Datasheet(HTML) 2 Page - Unisonic Technologies

  LM4811 Datasheet HTML 1Page - Unisonic Technologies LM4811 Datasheet HTML 2Page - Unisonic Technologies LM4811 Datasheet HTML 3Page - Unisonic Technologies LM4811 Datasheet HTML 4Page - Unisonic Technologies LM4811 Datasheet HTML 5Page - Unisonic Technologies LM4811 Datasheet HTML 6Page - Unisonic Technologies LM4811 Datasheet HTML 7Page - Unisonic Technologies LM4811 Datasheet HTML 8Page - Unisonic Technologies LM4811 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LM4811
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-560.a
PIN CONFIGURATION
1
2
3
4
56
7
8
9
10 VDD
VOUT2
VIN2
SHUTDOWN
UP/DN
GND
CLOCK
Bypass
VIN1
VOUT1
MSOP-10
Top View
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VOUT1
Channel 1 output
2
VIN1
Channel 1 audio input
3
Bypass
Connect to internal voltage divider for middle supply bias
4
CLOCK
External clock input for the volume control
5
GND
Ground
6
UP/DN
Volume UP/DOWN control
7
SHUTDOWN
Shutdown mode control input, high active, place LM4811 into shutdown
mode, when held high
8
VIN2
Channel 2 audio input
9
VOUT2
Channel 2 output
10
VDD
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com