Electronic Components Datasheet Search
  English  ▼

X  

LM4811 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM4811
Description  DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4811 Datasheet(HTML) 1 Page - Unisonic Technologies

  LM4811 Datasheet HTML 1Page - Unisonic Technologies LM4811 Datasheet HTML 2Page - Unisonic Technologies LM4811 Datasheet HTML 3Page - Unisonic Technologies LM4811 Datasheet HTML 4Page - Unisonic Technologies LM4811 Datasheet HTML 5Page - Unisonic Technologies LM4811 Datasheet HTML 6Page - Unisonic Technologies LM4811 Datasheet HTML 7Page - Unisonic Technologies LM4811 Datasheet HTML 8Page - Unisonic Technologies LM4811 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM4811
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 9
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-560.a
DUAL 105mW HEADPHONE
AMPLIFIER WITH DIGITAL
VOLUME CONTROL AND
SHUTDOWN MODE
DESCRIPTION
The UTC LM4811 is a dual audio power amplifier with digital
volume control and shutdown mode function. It is featured in
unity-gain stability. The digital volume control sets the amplifier’s
gain from +12dB to -33dB in 16 discrete steps using a two-wire
interface. The shutdown mode is externally controlled, active-high
and micropower consumption. An internal thermal shutdown
protection circuit is contained in the device.
Operating on a 5V power supply, it can drive 16Ω load at
105mW per channel of continuous average power with 0.1%
(THD+N).
This device is mainly used to provide customers with higher
quality output power but less required external components. The
UTC LM4811 reduces the use of bootstrap capacitors or snubber
networks that make making it ideal for low-power portable systems
applications.
The UTC LM4811 is generally applied in cellular phones, MP3,
CD, DVD players, PDA’s and other portable electronics.
FEATURES
* Digital volume control range: +12dB~ -33dB
* "Click and Pop" suppression circuitry
* Saving the use of bootstrap capacitors
* Low shutdown current
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
LM4811L-SM2-R
LM4811G-SM2-R
MSOP-10
Tape Reel


Similar Part No. - LM4811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4811 NSC-LM4811 Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
logo
Texas Instruments
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
Dual 105mW Headphone Amplifier
logo
Unisonic Technologies
LM4811G-SM2-R UTC-LM4811G-SM2-R Datasheet
199Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
National Semiconductor ...
LM4811LD NSC-LM4811LD Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
LM4811MM NSC-LM4811MM Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
More results

Similar Description - LM4811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4811 NSC-LM4811 Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Unisonic Technologies
LM4811 UTC-LM4811_15 Datasheet
199Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Texas Instruments
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
Dual 105mW Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com