Electronic Components Datasheet Search
  English  ▼

X  

LM8003 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM8003
Description  3 SIRENS AND MACHINE GUN WITH 2 LEDS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM8003 Datasheet(HTML) 3 Page - Unisonic Technologies

  LM8003 Datasheet HTML 1Page - Unisonic Technologies LM8003 Datasheet HTML 2Page - Unisonic Technologies LM8003 Datasheet HTML 3Page - Unisonic Technologies LM8003 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LM8003
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-603.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
2~ 5
V
Input/Output Voltage
VIN
GND-0.3~VDD+0.3
V
Operating Temperature
TOPR
-10~60
°C
Storage Temperature
TSTG
-25~125
°C
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25oC, V
DD=3.0V, GND=0V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating Voltage
VDD
3.0
V
Standby Current
ISTB
VDD=3V, I/O open
2
100
uA
Operating Current
IOP
VDD=3V, I/O open
0.1
0.5
mA
BZ, BB Driving Current
IO
VDS=1V
10
mA
LED sink Current
ILED
VLED=1.8V
20
mA
Oscillator Frequency
FOSC
VDD=3V
125
150
175
KHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com