Electronic Components Datasheet Search
  English  ▼

X  

LM8003 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM8003
Description  3 SIRENS AND MACHINE GUN WITH 2 LEDS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM8003 Datasheet(HTML) 1 Page - Unisonic Technologies

  LM8003 Datasheet HTML 1Page - Unisonic Technologies LM8003 Datasheet HTML 2Page - Unisonic Technologies LM8003 Datasheet HTML 3Page - Unisonic Technologies LM8003 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM8003
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-603.a
3 SIRENS AND MACHINE GUN WITH 2 LEDS
DESCRIPTION
This chip is a CMOS LSI designed for the applications, such as game box, toys …, and so on. It is easy for you to
design your consumer products using minimum application circuit. The sound can be selected to Fire Engine Siren,
Ambulance Siren, Police Siren and Machine Gun sound mode. Sequence function from S1 to S4 and One shot or
Sequence and Level hold function can be programmed by changing push down different switch.
FEATURES
* 2.0V ~ 5V power supply
* 2 LEDS flash
* Low power consumption
* BB&BZ output directly drive piezo buzzer.
* 3 Sirens and Machine Gun sound
* One shot or Sequence and Level hold function option


Similar Part No. - LM8003

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM8003 UTC-LM8003_15 Datasheet
85Kb / 4P
3 SIRENS AND MACHINE GUN WITH 2 LEDS
More results

Similar Description - LM8003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M3731 ETC-M3731 Datasheet
109Kb / 2P
4 SIRENS & MACHINE GUN 2 LEDS BLINKING
logo
MPS Industries, Inc.
HYDRA-15 MPSIND-HYDRA-15 Datasheet
59Kb / 1P
HYDRA-15 3-GUN SWITCHING POWER SUPPLY
logo
Unisonic Technologies
LM8003 UTC-LM8003_15 Datasheet
85Kb / 4P
3 SIRENS AND MACHINE GUN WITH 2 LEDS
logo
OEN India Limited
04-TG1 OENINDIA-04-TG1 Datasheet
54Kb / 1P
Tie Gun
logo
MOSDESIGN SEMICONDUCTOR...
M3731 MOSDESIGN-M3731 Datasheet
142Kb / 2P
4 SIRENS & MACHINE GUN 2 LEDS BLINKING
2011-02-08
logo
Schneider Electric
XVC4M2 SCHNEIDER-XVC4M2_V01 Datasheet
83Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 13, 2022
XVS72BMBN SCHNEIDER-XVS72BMBN Datasheet
145Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS72BMWN SCHNEIDER-XVS72BMWN Datasheet
119Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS96BMWN SCHNEIDER-XVS96BMWN Datasheet
126Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
XVS96BMWP SCHNEIDER-XVS96BMWP Datasheet
121Kb / 3P
Harmony XVS Sirens and Electronic Alarms
Jan 11, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com