Electronic Components Datasheet Search
  English  ▼

X  

AH921 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH921 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AH921 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Preliminary Datasheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jun. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
8
Test Circuit and Test Conditions (Continued)
Figure 8. Test Condition of AH921 (Supply Current)
Note 4: Output initial status is low when powering on.
Note 5: The supply current ICC represents the average supply current. The output is open during measurement.
Note 6: The device is put under the magnetic field: B<BRP.
Figure 9. Test Condition of AH921 (Output Saturation Voltage)
Note 7: The output saturation voltage VSAT is measured at VCC=3.5V and VCC=24V.
Note 8: The device is put under the magnetic field: B>BOP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com