Electronic Components Datasheet Search
  English  ▼

X  

AH921 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AH921
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH921 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AH921 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AH921 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Preliminary Datasheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jun. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
9
Test Circuit and Test Conditions (Continued)
Figure 10. Test Condition of AH921 (Output Leakage Current)
Note 9: The device is put under the magnetic field: B<BRP.
Typical Performance Characteristics
Figure 11. ICC vs. VCC
Figure 12. ICC vs. TA
4
6
8
10
12
14
16
18
20
22
24
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
CC (V)
T
A=25
oC
-25
0
25
50
75
100
125
1.5
2.0
2.5
3.0
3.5
4.0
T
A (
oC)
V
CC=5V
V
CC=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com