Electronic Components Datasheet Search
  English  ▼

X  

AM9799 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AM9799
Description  Single Phase Full-wave Low Voltage Fan Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM9799 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AM9799 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799
Sep. 2009
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (TA=25°C, Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Output Current
IO (max)
1
A
FG Output Current
IFG
5
mA
FG Output Voltage
VFG
7
V
Lead Temperature (Soldering 10s)
260
°C
Power Dissipation
PD
585
mW
Junction Temperature
TJ
150
°C
Thermal Resistance (Die to Ambient)
θ
JA
214
°C/W
Storage Temperature Range
TSTG
-55 to 150
°C
ESD (Human Body Model) (Note 2)
ESD
2000
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Note 2: Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe
Electro Static Discharge control procedures whenever handling semiconductor products.
Recommended Operating Conditions (TA=25°C)
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2
6
V
Hall Input Voltage Range
VH
0.4
VCC -1.1
V
Operating Temperature
TOP
-40
105
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com