Electronic Components Datasheet Search
  English  ▼

X  

AM9799 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AM9799
Description  Single Phase Full-wave Low Voltage Fan Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM9799 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM9799 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM9799 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Preliminary Datasheet
Single Phase Full-wave Low Voltage Fan Motor Driver
AM9799
Sep. 2009
Rev. 1. 0
BCD Semiconductor Manufacturing Limited
5
-25
0
25
50
75
100
125
150
0
200
400
600
800
Ambient Temperature (
oC)
Electrical Characteristics
VCC =5V, TA=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Current
ICC
4
6
mA
Input Offset Voltage
VHOFS
±4
mV
Output Saturation Voltage
VO
IO=250mA
upper and lower total
0.3
0.45
V
Input-output Gain
GIN
45
48
50
dB
FG Low Voltage
VFGL
IFG=3mA
0.3
V
Input Hysteresis Voltage
VHYS
±6
±10
±15
mV
Lock Detection ON time
TON
0.35
0.5
0.7
sec
Lock Detection OFF time
TOFF
3.5
5
7
sec
Hall Bias Voltage
VHB
IHB=5mA
1.15
1.3
1.45
V
Typical Performance Characteristics
Figure 4. Power Dissipation vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com