Electronic Components Datasheet Search
  English  ▼

X  

8N65 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 8N65
Description  8A, 650V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

8N65 Datasheet(HTML) 2 Page - Unisonic Technologies

  8N65 Datasheet HTML 1Page - Unisonic Technologies 8N65 Datasheet HTML 2Page - Unisonic Technologies 8N65 Datasheet HTML 3Page - Unisonic Technologies 8N65 Datasheet HTML 4Page - Unisonic Technologies 8N65 Datasheet HTML 5Page - Unisonic Technologies 8N65 Datasheet HTML 6Page - Unisonic Technologies 8N65 Datasheet HTML 7Page - Unisonic Technologies 8N65 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-591.C
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
650
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
8
A
Drain Current
Continuous
ID
8
A
Pulsed (Note 2)
IDM
32
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
230
mJ
Repetitive (Note 2)
EAR
14.7
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
TO-220/TO-262
PD
147
W
TO-220F/TO-220F1
48
W
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating : Pulse width limited by TJ
3. L = 7.1mH, IAS = 8A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
4. ISD ≤8A, di/dt ≤200A/μs, VDD≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220/TO-262
θJC
0.85
°C/W
TO-220F/TO-220F1
2.6
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com