Electronic Components Datasheet Search
  English  ▼

X  

AP3103 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3103
Description  VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3103 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3103 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
AP3103
Preliminary Datasheet
1
Feb. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
General Description
The AP3103 is a low startup current, current mode
PWM controller with green-mode power-saving opera-
tion. The PWM switching frequency at normal opera-
tion is externally programmable and is trimmed to a
tigh range. The dithering of frequency will improve
EMI feature. When the load decreases, the frequency
will reduce and when at a very low load, the IC will
enter the ‘skip mode’ to minimize switching loss.
About 20kHZ frequency switching is aviode the audi-
ble noise as well as reduding the standby loss.
The AP3103 features a lot of functions such as the
Leading-Edge Blanking (LEB) of the current sensing,
internal slope compensation and several protection
functions including cycle-by-cycle current limit
(OCP), VCC Over Voltage Protection (VOVP), OTP,
OLP protection.
This IC is available in SOT-23-6 and DIP-8 packages.
Features
·
Bi-CMOS Process with Excellent Performance
·
Very Low Start-up Current:(
< 15µA)
·
Current Mode Control
·
Non-audible-noise Green-mode Control
·
LEB (Leading-edge Blanking) on CS Pin
·
Internal Slope Compensation
·
Frequency Fold Back for High Average Effi-
ciency
·
Soft Switching for Reducing EMI
·
Useful Pin Fault Protection:
CS Pin Floating
RI Pin Short to Ground
RI Pin Floating
FB/Opt-coupler Open/short
·
Comprehensive System Protection Feature:
VCC Over Voltage Protection (VOVP)
Over Temperature Protection (OTP)
Over Load Protection (OLP)
·
Mini Size with Packages
Applications
·
Switching AC-DC Adapter/Charger
·
ATX/BTX Auxiliary Power
·
Set-top Box(STB) Power Supply
·
Open Frame Switching Power Supply
Figure 1. Package Types of AP3103
SOT-23-6
DIP-8


Similar Part No. - AP3103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
AP3103AKTR-G1 DIODES-AP3103AKTR-G1 Datasheet
408Kb / 12P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
More results

Similar Description - AP3103

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7554 FAIRCHILD-FAN7554 Datasheet
1,006Kb / 22P
Versatile PWM Controller
FAN7554 FAIRCHILD-FAN7554_03 Datasheet
990Kb / 22P
Versatile PWM Controller
logo
Diodes Incorporated
AP3103A DIODES-AP3103A Datasheet
408Kb / 12P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
logo
ON Semiconductor
FAN7554 ONSEMI-FAN7554 Datasheet
1Mb / 21P
Versatile PWM Controller
Rev. 4.1
logo
Diodes Incorporated
AP3105 DIODES-AP3105 Datasheet
336Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 2
AP3105NA DIODES-AP3105NA Datasheet
347Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
Rev 1
logo
Excelliance MOS Corp.
EM8931 EXCELLIANCE-EM8931 Datasheet
256Kb / 10P
Cost Effective PWM Forward Controller
logo
SIFIRST TECHNOLOGIES NA...
SF1585 SIFIRST-SF1585 Datasheet
63Kb / 2P
Cost Effective, High Power, 管-BalanceTM PWM Controller
logo
List of Unclassifed Man...
OB3350 ETC2-OB3350 Datasheet
464Kb / 10P
Cost Effective LED Controller
logo
Diodes Incorporated
AP3105D DIODES-AP3105D Datasheet
368Kb / 13P
COST EFFECTIVE GREEN PWM CONTROLLER
February 2014 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com