Electronic Components Datasheet Search
  English  ▼

X  

AP3103 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3103
Description  VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3103 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3103 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3103 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Feb. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
VERSATILE COST EFFECTIVE GREEN PWM CONTROLLER
AP3103
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3103
GND
GATE
SENSE
Driver
17.5V
OSC
FB
OCP
0.85 V
2
4
1
PWM
OLP
1.1V
6
VCC
5
28V
OVP
RI
3
O/S
Protection
UVLO
15V
Internal Bias
&VREF
0.6V
250ns
LEB
OLP
OTP
OVP
FOCP
Line
Compensation
QB
D
CLKRB
DFF
OTP
140
℃
VCC
Soft
Start
VDD
35.5V
8.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com