Electronic Components Datasheet Search
  English  ▼

X  

AP3720 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3720
Description  CURRENT MODE PWM CONTROLLER FOR BJT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3720 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3720 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Preliminary Datasheet
CURRENT MODE PWM CONTROLLER FOR BJT
AP3720
Jul. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AP3720 is a low startup current, current mode
PWM controller with green-mode operation. The
PWM switching frequency at normal operation is 65k,
but when the output power drops below the
specifically
level,
the
device
enters
the
frequency-drop mode and the typical operating
frequency is 20kHz (no audible noise). Additionally,
when the load drops to a very low level or zero, the
IC operates in so called ‘burst mode’ to minimize
switching loss.
The IC integrated a lot of functions such as the
Lead-Edge Blanking (LEB) of the current sensing,
internal slope compensation, line compensation, and
several protection features. The protection functions
include cycle-by-cycle current limit (OCP), VCC
over voltage protection (OVP), OTP and OLP.
The AP3720 is available in DIP-8 and SOIC-8
packages.
Features
•
Low Startup Current ( 2.5
µA ) and Low
Operating Current (1.2mA)
•
Off-line Converter Applied in Sub 25W Range
•
Skip Cycle Mode Achieves Low Standby Power
(<200mW)
•
Cycle-by-Cycle Power Limited
•
Frequency-drop Mode
•
Soft Start with 2ms
•
Programmable Drive Current for BJT
•
Leading Edge Blanking
•
Pre-shutdown Decreases Turn-off Losses
•
Reliable Protection:
Accurate OCP with Line Compensation
Short Circuit Protection
Over Voltage Protection for VCC
Hysteretic Thermal Shutdown Protection
Applications
•
STB
•
Cable Modem
•
ADSL Modem
•
DVD Recorder
Figure 1. Package Types of AP3720
DIP-8
SOIC-8


Similar Part No. - AP3720

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3720 BCDSEMI-AP3720_13 Datasheet
496Kb / 13P
CURRENT MODE PWM CONTROLLER FOR BJT
More results

Similar Description - AP3720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3720 BCDSEMI-AP3720_13 Datasheet
496Kb / 13P
CURRENT MODE PWM CONTROLLER FOR BJT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com