Electronic Components Datasheet Search
  English  ▼

X  

AP3720 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3720
Description  CURRENT MODE PWM CONTROLLER FOR BJT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3720 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3720 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3720 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary Datasheet
CURRENT MODE PWM CONTROLLER FOR BJT
AP3720
Jul. 2009 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
P Package
M Package
(DIP-8)
(SOIC-8)
LINE
NC
FB
BIAS
1
2
3
4
8
7
6
5
CS
GND
DRV
VCC
1
2
3
4
8
7
6
5
LINE
NC
FB
BIAS
CS
GND
DRV
VCC
Figure 2. Pin Configuration of AP3720 (Top View)
Pin Description
Pin Number
Pin Name
Function
1
LINE
Line compensation for OLP
2
NC
No connection
3
FB
Connect opto-coupler to this pin. The voltage of FB controls the mode
of operation in one of the three modes: burst mode, frequency-drop
mode (20kHz) and normal mode (65kHz). When the voltage of FB
reaches a limit-point, the system enters the OLP mode
4
BIAS
This pin sets the driver current inside AP3720 with an external resistor
to GND
5
VCC
This pin is the positive supply voltage input. During start up, the
power is supplied from line voltage. When VCC reaches 20V, the
system begins running and the power is supplied from the auxiliary
transformer winding
6
DRV
This pin supplies the drive current for the external power NPN switch
7
GND
This pin is the control ground
8
CS
This pin senses the primary current and routes it to internal
comparator. By changing the value of the sense resistor, the primary
peak current set point is adjusted according to the output power
demand



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com