Electronic Components Datasheet Search
  English  ▼

X  

KSY14 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # KSY14
Description  Hall Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KSY14 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  KSY14 Datasheet HTML 1Page - Siemens Semiconductor Group KSY14 Datasheet HTML 2Page - Siemens Semiconductor Group KSY14 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Semiconductor Group
1
07.96
The KSY 14 is an ion-implanted Hall sensor generator in a mono-crystalline GaAs
material, built into an extremely flat plastic package (SOH). It is outstanding for a high
magnetic sensitivity and low temperature coefficients. The 0.35
× 0.35 mm2 chip is
mounted onto a non-magnetic leadframe.
Type
Marking
Ordering Code
KSY 14
14
Q62705-K227
Hall Sensor
KSY 14
Dimensions in mm
Features
• High sensitivity
• High operating temperature
• Small linearity error
• Low offset voltage
• Low TC of sensitivity and
internal resistance
• Ultra-flat plastic miniature
package
• Low inductive zero component
• Package thickness 0.7 mm
• Connections from one side of
the package
Typical applications
• Current and power
measurement
• Magnetic field measurement
• Control of brushless DC motors
• Rotation and position sensing
• Measurement of diaphragm
• Movement for pressure
sensing


Similar Part No. - KSY14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KSY10 SIEMENS-KSY10 Datasheet
115Kb / 3P
Hall Sensor
logo
Infineon Technologies A...
KSY10 INFINEON-KSY10 Datasheet
96Kb / 3P
Hall Sensor
1999-04-01
logo
Siemens Semiconductor G...
KSY13 SIEMENS-KSY13 Datasheet
79Kb / 3P
Hall Sensor
logo
Infineon Technologies A...
KSY13 INFINEON-KSY13 Datasheet
68Kb / 3P
Hall Sensor
1999-04-01
KSY13E7502 INFINEON-KSY13E7502 Datasheet
68Kb / 3P
Hall Sensor
1999-04-01
More results

Similar Description - KSY14

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KSY10 SIEMENS-KSY10 Datasheet
115Kb / 3P
Hall Sensor
KSY13 SIEMENS-KSY13 Datasheet
79Kb / 3P
Hall Sensor
KSY16 SIEMENS-KSY16 Datasheet
61Kb / 2P
Hall Sensor
logo
Infineon Technologies A...
KSY13 INFINEON-KSY13 Datasheet
68Kb / 3P
Hall Sensor
1999-04-01
KSY10 INFINEON-KSY10 Datasheet
96Kb / 3P
Hall Sensor
1999-04-01
logo
List of Unclassifed Man...
PT-30E6 ETC1-PT-30E6 Datasheet
109Kb / 1P
Hall Sensor
logo
ELMOS Semiconductor AG
E910.44 ELMOS-E910.44 Datasheet
105Kb / 1P
Hall sensor IC
logo
NANJING AH ELECTRONICS ...
AH543 AHNJ-AH543 Datasheet
666Kb / 9P
Unipolar Hall Sensor
logo
FOTEK CONTROLS CO., LTD...
MS08-10N FOTEK-MS08-10N Datasheet
239Kb / 2P
Mahnetic Hall sensor
logo
Beijing Yaohuadechang E...
HV25 YHDC-HV25 Datasheet
4Mb / 1P
Hall voltage sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com