Electronic Components Datasheet Search
  English  ▼

X  

KSY14 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KSY14
Description  Hall Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KSY14 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KSY14 Datasheet HTML 1Page - Siemens Semiconductor Group KSY14 Datasheet HTML 2Page - Siemens Semiconductor Group KSY14 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Semiconductor Group
2
KSY 14
Maximum ratings
Characteristics (
T
A = 25 °C)
Parameter
Symbol
Value
Unit
Operating temperature
T
A
– 40
…+ 175
°C
Storage temperature
T
stg
– 50
…+ 180
°C
Supply current
I
1
7mA
Thermal conductivity
soldered, in air
G
thA
G
thC
≥ 1.5
≥ 2.2
mW/K
mW/K
Nominal supply current
I
1N
5mA
Open-circuit sensitivity
K
B0
190
…260
V/AT
Open-circuit Hall voltage
I
1 = I1N, B = 0.1 T
V
20
95
…130
mV
Ohmic offset voltage
I
1 = I1N, B = 0 T
V
R0
≤ ± 20
mV
Linearity of Hall voltage
B = 0
…0.5 T
B = 0
…1 T
F
L
≤ ± 0.2
≤ ± 0.7
%
%
Input resistance
B = 0 T
R
10
900
…1200
Ω
Output resistance
B = 0 T
R
20
900
…1200
Ω
Temperature coefficient of the
open-circuit Hall voltage
I
1 = I1N, B = 0.1 T
TC
V20
∼ – 0.03…– 0.07
%/K
Temperature coefficient of the internal
resistance
B = 0 T
TC
R10, R20
∼ 0.1…0.18
%/K
Change of offset voltage within the
temperature range
∆V
R0
1)
≤ 2mV
Inductive zero component
I
1N =0
A
2
2)
0.16
cm2
Noise figure
F
∼ 10
dB
1) AQL: 0.65
2) With time varying induction there exists an inductive voltage
Vind between the Hall voltage terminals (supply
current
I1 = 0):
Vind = A2 × dB/dt × 10
-4 with V(V), A
2 (cm
2), B(T), t(s)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com