Electronic Components Datasheet Search
  English  ▼

X  

LR1125 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR1125
Description  500mA, LOW-VOLTAGE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1125 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR1125 Datasheet HTML 1Page - Unisonic Technologies LR1125 Datasheet HTML 2Page - Unisonic Technologies LR1125 Datasheet HTML 3Page - Unisonic Technologies LR1125 Datasheet HTML 4Page - Unisonic Technologies LR1125 Datasheet HTML 5Page - Unisonic Technologies LR1125 Datasheet HTML 6Page - Unisonic Technologies LR1125 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR1125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-416.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1, 2
IN
Input. Supply voltage: 2.25V ~ 5.5V. Bypass with a 1µF capacitor to GND. Connect
both input pins together.
3
POK
Open-Drain, Active-Low Power-OK Output. While the output voltage (VOUT) is below
the POK threshold, this pin remains low. Connect a 100kΩpullup resistor to OUT.
4
SHDN
Active-Low Shutdown Input. At this pin, a logic low reduces supply current to 0.02µA.
In shutdown, the POK output is low. For normal operation Connect SHDN to IN.
5
GND
Ground.
6
SET
Voltage-Setting Input. For preset output, connect this pin to GND. Connect an external
resistive voltage-divider from OUT to this pin to set the output voltage from 0.8V to
4.5V. This pin regulation voltage is 800mV.
7, 8
OUT
Regulator Output (up to 500mA). This pin should be bypassed with a 10µF low-ESR
capacitor to GND. Connect both OUT pins together.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com