Electronic Components Datasheet Search
  English  ▼

X  

LR1125 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR1125
Description  500mA, LOW-VOLTAGE LINEAR REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR1125 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR1125 Datasheet HTML 1Page - Unisonic Technologies LR1125 Datasheet HTML 2Page - Unisonic Technologies LR1125 Datasheet HTML 3Page - Unisonic Technologies LR1125 Datasheet HTML 4Page - Unisonic Technologies LR1125 Datasheet HTML 5Page - Unisonic Technologies LR1125 Datasheet HTML 6Page - Unisonic Technologies LR1125 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR1125
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2010 Unisonic Technologies Co., Ltd
QW-R502-416.A
500mA, LOW-VOLTAGE
LINEAR REGULATOR
DESCRIPTION
The UTC LR1125 is a positive LDO (voltage linear regulator)
operates from a 2.25V ~ 5.5V supply and delivers a guaranteed
500mA load current with low 175mV dropout. Low dropout voltage
and large output current can be provided by built-in low
on-resistance transistor. Because an internal PMOS pass transistor
allows low 210µA supply current, the LR1125 can be ideal for
portable equipment such as PDAs, cellular phones, cordless
phones, and other equipments including base stations and docking
stations. It also includes an active-low, power-OK output that mean
a
0.02µA
shutdown
mode,
short-circuit
protection
and
thermal-shutdown protection when the output is out of regulation.
FEATURES
* Low Dropout : 175mV Dropout at 500mA
* High accuracy output voltage: +/- 1.5%
* Guaranteed Output:500mA
* Thermal-Overload Protection
* Internal Current Limiting
* Low 210µA Ground Current
* 0.02µA Shutdown Current
* VOUT Can Be Adjusted From 0.8V ~ 4.5V
ORDERING INFORMATION
Ordering Number
Package
Packing
LR1125G-S08-R
SOP-8
Tape Reel
LR1125G-SM1-R
MSOP-8
Tape Reel


Similar Part No. - LR1125

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1120 UTC-LR1120 Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
LR1120 UTC-LR1120 Datasheet
155Kb / 4P
LOW DROPOUT, LOW NOISE ULTRA-FAST WITH REGULATOR
logo
Semtech Corporation
LR1120 SEMTECH-LR1120 Datasheet
1Mb / 45P
Low Power Wi-Fi/ GNSS Scanner & Multi-band LoRa® Transceiver
Rev 2.0 Dec 2023
LR1120 SEMTECH-LR1120 Datasheet
1Mb / 45P
Low Power Wi-Fi/ GNSS Scanner & Multi-band LoRa® Transceiver
Rev 2.2
logo
Unisonic Technologies
LR1120G-18-AF5-A-R UTC-LR1120G-18-AF5-A-R Datasheet
173Kb / 4P
500mA, LOW DROPOUT, LOW NOISE ULTRA-FAST WITH SOFT START CMOS LDO REGULATOR
More results

Similar Description - LR1125

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1740 AIC-AIC1740 Datasheet
116Kb / 7P
Low Output Voltage, 500mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1806 MAXIM-MAX1806 Datasheet
263Kb / 10P
500mA, Low-Voltage Linear Regulator in UMAX
Rev 0; 4/01
logo
Linear Technology
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9161 RICHTEK-RT9161 Datasheet
260Kb / 10P
300/500mA Low Dropout Linear Voltage Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
500mA, Low-Dropout Linear Voltage Regulator
logo
Monolithic Power System...
MP2002 MPS-MP2002 Datasheet
368Kb / 11P
Low Input Voltage 500mA Linear Regulator
logo
Linear Technology
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com