Electronic Components Datasheet Search
  English  ▼

X  

LR5966 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # LR5966
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR5966 Datasheet(HTML) 2 Page - Unisonic Technologies

  LR5966 Datasheet HTML 1Page - Unisonic Technologies LR5966 Datasheet HTML 2Page - Unisonic Technologies LR5966 Datasheet HTML 3Page - Unisonic Technologies LR5966 Datasheet HTML 4Page - Unisonic Technologies LR5966 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LR5966
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R102-046.a
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
TO-252-5
33 : 3. 3V
PIN CONFIGURATION
1
2
3
4
5
SET
VOUT
GND
VIN
SHDN
PIN DESCRIPTION
PIN NO
PIN NAME
DESCRIPTION
1
SHDN
Active-Low Shutdown Input. A logic low at SHDN reduces supply current to 0.01µA.
Connect SHDN to VIN for normal operation.
2
VIN
Power Input Voltage. Supply voltage can range from 2.25V to 6V.
3
GND
Ground
4
VOUT
Output Voltage
5
SET
When this pin is connected to ground, turns to fixed output voltage operation.
When this pin is connected to an external resistor divider, turns to adjustable output
voltage mode operation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com