Electronic Components Datasheet Search
  English  ▼

X  

LR5966 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LR5966
Description  5A LOW DROPOUT LINEAR REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR5966 Datasheet(HTML) 4 Page - Unisonic Technologies

  LR5966 Datasheet HTML 1Page - Unisonic Technologies LR5966 Datasheet HTML 2Page - Unisonic Technologies LR5966 Datasheet HTML 3Page - Unisonic Technologies LR5966 Datasheet HTML 4Page - Unisonic Technologies LR5966 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LR5966
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R102-046.a
ABSOLUTE MAXIMUM RATING (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
7
V
Power Dissipation
PD
1250
mW
Junction Temperature
TJ
+125
°С
Operation Temperature
TOPR
-40 ~ +125
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
64
°C/W
Junction to Case
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS (TA= 25°C, unless otherwise specified)
VIN = VOUT + 1V or VIN =2.25V whichever is greater, CIN =1µF, COUT =2.2µF(Ceramic)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
2.25
6
V
TA=25°С , IOUT= 1mA ~5A
-2
2
Output Voltage Accuracy
VOUT
TA=0~85°С, IOUT= 1mA~5A
-3
3
%
Maximum Output Current
IOUT
5
A
Short-Circuit Current Limit
ILIMIT
VOUT>1.2V
7.5
A
Reference Current
VREF
Measured on SET, VIN=2.8V,
IOUT=10mA
0.784
0.8
0.816
V
IOUT = 0mA
60
Ground Pin Current
IGND
IOUT= 1mA to 5A
90
µA
1.5V<=VOUT<=1.8V
1800
1.8V<VOUT<2.5V
1000
Dropout Voltage (Note)
VD
IOUT=5A
2.5<=VOUT
650
mV
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=VOUT+VD~6V
0.08
0.18
%/V
Load Regulation
ΔVOUT
VIN=VOUT+1V, IOUT=10mA~5A
0.25
1
%
Output Voltage Noise
eN
f=10Hz to100kHz,COUT=2.2μF
30
µVRMS
Shutdown Supply Current
IOFF
SHDN
=GND
0.01
5
µA
f=100Hz
60
Power Supply Rejection
PSRR
IOUT=100mA
COUT=10μF
f=1kHz
45
dB
VIH
1.6
Shutdown Threshold
VIL
0.6
V
Thermal Shutdown Temperature
TSHDN
160
Thermal Shutdown Hysteresis
DTSHDN
50
°С
Note: The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL) − 100mV.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com