Electronic Components Datasheet Search
  English  ▼

X  

LR8845 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LR8845
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR8845 Datasheet(HTML) 3 Page - Unisonic Technologies

  LR8845 Datasheet HTML 1Page - Unisonic Technologies LR8845 Datasheet HTML 2Page - Unisonic Technologies LR8845 Datasheet HTML 3Page - Unisonic Technologies LR8845 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LR8845
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-750.a
ABSOLUTE MAXIMUM RATING (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
7
V
Power Dissipation
PD
Internally limited
mW
Junction Temperature
TJ
+150
°С
Operation Temperature
TOPR
-40 ~ +85
°С
Storage Temperature
TSTG
-65 ~ +150
°С
Note:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-223
θJA
165
°С/W
TO-252
108
TO-263
64
ELECTRICAL CHARACTERISTICS
(VIN = VOUT + 1V whichever is greater, CIN =0.1µF, COUT =2.2µF (Ceramic), TA= 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
Note1
6
V
Output Voltage Accuracy
VOUT
TA=25°С , IOUT= 1mA ~3A
-2
2
%
TA=0~85°С, IOUT= 1mA~3A
-3
3
Maximum Output Current
IOUT
3
A
Short-Circuit Current Limit
ILIMIT
VOUT>1.2V
4.5
A
Short-Circuit Current
ISC
VOUT<0.4V
1.7
A
Ground Pin Current
IGND
IOUT = 0mA
300
400
µA
IOUT= 1mA to 3A
300
Dropout Voltage (Note 2)
VD
IOUT=3A
1.5V<=VOUT<=1.8V
1000
mV
1.8V<VOUT<2.5V
700
2.5<=VOUT
300
450
Line Regulation
OUT
IN
OUT
V
×
ΔV
ΔV
VIN=VOUT+VD~6V
0.1
0.2
%/V
Load Regulation
ΔVOUT
VIN=VOUT+1V, IOUT=10mA~3A
0.2
1
%
Output Voltage Noise
eN
f=10Hz to100kHz, COUT=2.2μF
30
µVRMS
Shutdown Supply Current
IOFF
SHDN =GND
2
10
µA
Power Supply Rejection
PSRR
IOUT=100mA
COUT=10μF
f=100Hz
70
dB
f=1kHz
60
Shutdown Threshold
VIH
2
V
VIL
0.4
Thermal Shutdown Temperature
TSHDN
150
°С
Thermal Shutdown Hysteresis
DTSHDN
20
Notes: 1. VIN(MIN)= VOUT+ VDROPOUT
2. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL) × 98%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com