Electronic Components Datasheet Search
  English  ▼

X  

LR8845 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LR8845
Description  3A LOW DROPOUT LINEAR REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR8845 Datasheet(HTML) 1 Page - Unisonic Technologies

  LR8845 Datasheet HTML 1Page - Unisonic Technologies LR8845 Datasheet HTML 2Page - Unisonic Technologies LR8845 Datasheet HTML 3Page - Unisonic Technologies LR8845 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LR8845
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-750.a
3A LOW DROPOUT LINEAR
REGULATOR
DESCRIPTION
The UTC LR8845 belonged to low quiescent current, low
dropout linear regulators operated from 2.5V to 6V input and are
guaranteed to deliver 3A. Wide range of preset output voltage
options are available. Built-in low on-resistance transistor provides
low dropout voltage and large output current. The UTC LR8845 is
designed and optimized for battery-powered systems to work with
low noise.
The UTC LR8845 consumes less than 2μA in shutdown mode.
Other features include ultra low dropout voltage, current limiting
protection, thermal shutdown protection and high ripple rejection
ratio.
FEATURES
* 3A Guaranteed Output Current
* low quiescent current: 300μA (typ.)
* 2μA Shutdown Current
* Short Circuit Current Fold-back
* Low Temperature Coefficient
* Current Limiting Protection
* Thermal Shutdown Protection
* Excellent Line/Load Transient
* SENSE Option Improves Load Regulation
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
LR8845L-xx-AA3-D-R
LR8845G-xx-AA3-D-R
SOT-223
I
G
O
Tape Reel
LR8845L-xx-TN3-D-R
LR8845G-xx-TN3-D-R
TO-252
I
G
O
Tape Reel
LR8845L-xx-TN3-D-T
LR8845G-xx-TN3-D-T
TO-252
I
G
O
Tube
LR8845L-xx-TQ3-D-R
LR8845G-xx-TQ3-D-R
TO-263
I
G
O
Tape Reel
LR8845L-xx-TQ3-D-T
LR8845G-xx-TQ3-D-T
TO-263
I
G
O
Tube
Note: 1. Pin assignment: I: VIN
O: VOUT G: GND
2. xx: Output Voltage, refer to Marking Information.


Similar Part No. - LR8845

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
Ultra-Small High-Precision Low Voltage Detector
LR8808 LRC-LR8808 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.5 LRC-LR8808-1.5 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.6 LRC-LR8808-1.6 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
LR8808-1.7 LRC-LR8808-1.7 Datasheet
340Kb / 6P
Micropocessor Reset Circuits junction temperature range for operation
More results

Similar Description - LR8845

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
3A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
3A Low Dropout Linear Regulator
VER 1.2
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
3A LOW DROPOUT LINEAR REGULATOR
Rev 3
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
3A LOW DROPOUT LINEAR REGULATOR
September 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com