Electronic Components Datasheet Search
  English  ▼

X  

KTY11-7 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # KTY11-7
Description  Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KTY11-7 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  KTY11-7 Datasheet HTML 1Page - Siemens Semiconductor Group KTY11-7 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-92 Mini
Semiconductor Group
1
1997-09-30
Silicon Spreading Resistance Temperature Sensor in
Miniature Leaded Plastic Package
KT 110, KT 210,
KTY 11, KTY 21
Features
• Temperature dependent Resistor with Positive
Temperature Coefficient
• Miniature plastic package for very small thermal time
constants
• Fast response
• High reliability due to multilayer gold contacts
• n-conducting silicon crystal
• Polarity independent due to symmetrical construction
• Available selected in
± 1% tolerance groups (KTY-series)
1) ESD Class 1. When the temperature sensor is operated with long supply leads, it should be protected through
the parallel connection of a > 10 nF capacitor to prevent damage to the sensor through induced voltage peaks
.
Type
Marking
Ordering Code
Pin Configuration
Package
12
KT 110
T-1
Q62705-K332
electrical
contact
electrical
contact
TO-92 Mini
KTY 11-5
T-5
Q62705-K245
KTY 11-6
T-6
Q62705-K246
KTY 11-7
T-7
Q62705-K247
KT 210
N-1
Q62705-K334
KTY 21-5
N-5
Q62705-K258
KTY 21-6
N-6
Q62705-K259
KTY 21-7
N-7
Q62705-K260
Absolute Maximum Ratings
Parameter
Symbol
KT 110
KTY 11
KT 210
KTY 21
Unit
Maximum operating voltage 1)
T
A ≤ 25 ˚C, t ≤ 10 ms
V
opmax
25
V
Maximum operating current
I
opmax
57mA
Peak operating current
T
A ≤ 25 ˚C, t ≤ 10 ms
I
opp
710
mA
Operating temperature range
T
op
− 50 …+ 150
˚C
Storage temperature range
T
stg
− 50 …+ 150
˚C


Similar Part No. - KTY11-7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KTY11-7 INFINEON-KTY11-7 Datasheet
182Kb / 11P
Silicon Temperature Sensors
2000-07-01
More results

Similar Description - KTY11-7

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KT100 SIEMENS-KT100 Datasheet
34Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
KT130 SIEMENS-KT130 Datasheet
25Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Surface Mount Technology
KTY16-6 SIEMENS-KTY16-6 Datasheet
20Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Miniature Metal Housing
KTY19- SIEMENS-KTY19- Datasheet
56Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
logo
MTRONPTI
UM-1 MTRONPTI-UM-1_07 Datasheet
294Kb / 3P
Miniature resistance weld package
logo
OPTEK Technologies
OP522 OPTEK-OP522 Datasheet
300Kb / 4P
Silicon Phototransistor in Miniature SMT Package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Continental Device Indi...
GBU CDIL-GBU Datasheet
328Kb / 3P
GBU (4 Leads) In-line Leaded Plastic Package
logo
Microchip Technology
EMC1001 MICROCHIP-EMC1001_15 Datasheet
395Kb / 24P
짹1.5째C SMBus Temperature Sensor in Miniature TSOT
01/27/15
logo
TT Electronics.
OP522 TTELEC-OP522 Datasheet
295Kb / 4P
Silicon Phototransistor in Miniature SMT Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com