Electronic Components Datasheet Search
  English  ▼

X  

KTY11-7 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KTY11-7
Description  Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KTY11-7 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KTY11-7 Datasheet HTML 1Page - Siemens Semiconductor Group KTY11-7 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KT 110, KT 210,
KTY 11, KTY 21
Semiconductor Group
2
1997-09-30
Package Outline
Electrical Characteristics
at
T
A = 25 ˚C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature sensor resistance IB = 1 mA
KT 110
KTY 11-5
KTY 11-6
KTY 11-7
KT 210
KTY 21-5
KTY 21-6
KTY 21-7
R
25
1940
1950
1980
2010
970
975
990
1005
–
–
–
–
–
–
–
–
2060
1990
2020
2050
1030
995
1010
1025
Ω
Thermal time constant (63% of
∆T
A)
in still air
in still oil (Freon FC40/PP7)
τ
air
τ
oil
–
–
11
1.5
–
–
s
TO-92 Mini
Weight approx. 0.02 g
1.7-0.2
0.2
+0.07
2.1-0.2
2
±0.1
0.9
1
0.5 ±0.1
0.4 ±0.1
-0.03
Dimensions in mm
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com