Electronic Components Datasheet Search
  English  ▼

X  

M3366 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # M3366
Description  3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3366 Datasheet(HTML) 5 Page - Unisonic Technologies

  M3366 Datasheet HTML 1Page - Unisonic Technologies M3366 Datasheet HTML 2Page - Unisonic Technologies M3366 Datasheet HTML 3Page - Unisonic Technologies M3366 Datasheet HTML 4Page - Unisonic Technologies M3366 Datasheet HTML 5Page - Unisonic Technologies M3366 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M3366
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R124-002.Ba
APPLICATION
Oscillation Prevention on light loading conditions recommended under circuit
This IC requires 1MΩ resistance between INPUT and GND pin for clamp type input since the minute current
causcs an unstable pin voltage.
LPF
VOUT 7
r
C
r 75Ω
~
=
~
=
C 68pF
This IC requires 1MΩ resistance between INPUT and GND pin for clamp type input since the minute current
causes an unstable pin voltage.
This IC requires 0.1μF capacitor between INPUT and GND ,1MΩ resistance between INPUT and GND for clamp
type input at mute mode.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com