Electronic Components Datasheet Search
  English  ▼

X  

M3366 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M3366
Description  3-INPUT VIDEO SWITCH WITH 75廓 DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M3366 Datasheet(HTML) 1 Page - Unisonic Technologies

  M3366 Datasheet HTML 1Page - Unisonic Technologies M3366 Datasheet HTML 2Page - Unisonic Technologies M3366 Datasheet HTML 3Page - Unisonic Technologies M3366 Datasheet HTML 4Page - Unisonic Technologies M3366 Datasheet HTML 5Page - Unisonic Technologies M3366 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M3366
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R124-002.Ba
3-INPUT VIDEO SWITCH WITH
75Ω DRIVER
DESCRIPTION
The UTC M3366 is a three input integrated video switch selects
one video or audio signal from three input signals.
It contains driver circuit for 75Ω load and is able to connect to
TV monitor.
Its operating supply voltage range is 5 ~ 12V and bandwidth is
10MHz. Crosstalk is 70dB (at 4.43MHz).
The UTC M3366 contains clamp function and it can be
operated while setting DC level fixed in position of the video
signal.
FEATURES
* Operating Voltage 4.75 ~ 13V
* 3 Input- 1 Output
* Internal Driver Circuit for 75Ω lmpedance
* Muting Function available
* Internal Clamp Function
* Low power Dissipation 16.5mA
* Cross-talk 70dB (at 4.43MHz)
* Wide Frequency Range 10MHz (2Vp-p Input)
DIP-8
SOP-8
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
M3366L-S08-R
M3366G-S08-R
SOP-8
Tape Reel
M3366L-S08-T
M3366G-S08-T
SOP-8
Tube
M3366L-D08-T
M3366G-D08-T
DIP-8
Tube
M3366L-S08-R
(1)Packing Type
(2)Package Type
(1) R: Tape Reel, T: Tube
(2) S08: SOP-8, D08: DIP-8
(3) G: Halogen Free, L: Lead Free
(3)Lead Free


Similar Part No. - M3366

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M3366G-D08-T UTC-M3366G-D08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366G-S08-R UTC-M3366G-S08-R Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366L-D08-T UTC-M3366L-D08-T Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
M3366 UTC-M3366_15 Datasheet
206Kb / 6P
3-INPUT VIDEO SWITCH WITH 6dB AMPLIFIER
More results

Similar Description - M3366

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
3-INPUT VIDEO SWITCH
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
3-INPUT VIDEO SWITCH?
NJM2243 NJRC-NJM2243 Datasheet
200Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER
NJM2244 NJRC-NJM2244 Datasheet
203Kb / 5P
3-INPUT VIDEO SWITCH WITH 75OHM DRIVER?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
3-INPUT VIDEO SWITCH
logo
Sanyo Semicon Device
LA73060V SANYO-LA73060V Datasheet
399Kb / 10P
Monolithic Linear IC Wideband 75廓 Video Driver
logo
IC-Haus GmbH
IC-WE ICHAUS-IC-WE Datasheet
380Kb / 10P
3-CHANNEL 75 廓 LINE DRIVER
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
logo
New Japan Radio
NJM2244M-TE1 NJRC-NJM2244M-TE1 Datasheet
145Kb / 5P
3-INPUT VIDEO SWITCH WITH 75 DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com