Electronic Components Datasheet Search
  English  ▼

X  

KTY10 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # KTY10
Description  Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KTY10 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  KTY10 Datasheet HTML 1Page - Siemens Semiconductor Group KTY10 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Modified TO-92
Semiconductor Group
1
02.97
Silicon Spreading Resistance Temperature Sensor in
Leaded Plastic Package
KT 100
KTY 10
Features
• Temperature dependent Resistor with Positive
Temperature Coefficient
• Small plastic package
• Fast response
• High reliability due to multilayer gold contacts
• n-conducting silicon crystal
• Polarity independent due to symmetrical
construction
• Available selected in
± 1% tolerance groups
Electrical Characteristics
at
T
A = 25 ˚C unless otherwise specified
Parameter
Symbol
Limit Values
Unit
min.
typ.
max.
Temperature sensor resistance IB = 1 mA
KT 100
KTY 10-5
KTY 10-6
KTY 10-62
KT 10-7
R
25
1940
1950
1980
1990
2010
–
–
–
–
–
2060
1990
2020
2010
2050
Ω
Thermal time constant (63% of
∆T
A)
in still air
in still oil (Freon FC40/PP7)
τ
air
τ
oil
–
–
40
4
–
–
s
Type
Marking
Ordering Code
Pin Configuration
Package
12
KT 100
KT 100
Q62705-K331
electrical
contact
electrical
contact
Modified TO-92
KTY 10-5
KTY 10-5
Q62705-K110
KTY 10-6
KTY 10-6
Q62705-K132
KTY 10-62
KTY 10-62
Q62705-K71
KTY 10-7
KTY 10-7
Q62705-K111


Similar Part No. - KTY10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KTY10-5 INFINEON-KTY10-5 Datasheet
182Kb / 11P
Silicon Temperature Sensors
2000-07-01
KTY10-6 INFINEON-KTY10-6 Datasheet
182Kb / 11P
Silicon Temperature Sensors
2000-07-01
KTY10-62 INFINEON-KTY10-62 Datasheet
182Kb / 11P
Silicon Temperature Sensors
2000-07-01
KTY10-7 INFINEON-KTY10-7 Datasheet
182Kb / 11P
Silicon Temperature Sensors
2000-07-01
More results

Similar Description - KTY10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KT110 SIEMENS-KT110 Datasheet
12Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
KT130 SIEMENS-KT130 Datasheet
25Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Surface Mount Technology
KTY16-6 SIEMENS-KTY16-6 Datasheet
20Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Miniature Metal Housing
KTY19- SIEMENS-KTY19- Datasheet
56Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Robust Threaded Metal Housing
logo
OPTEK Technologies
OP580 OPTEK-OP580 Datasheet
259Kb / 4P
Silicon Phototransistor in SMT Plastic Package
logo
Continental Device Indi...
WOM CDIL-WOM Datasheet
57Kb / 3P
WOM 4-Leads Leaded Plastic Package
TO-220AB CDIL-TO-220AB Datasheet
242Kb / 6P
TO-220AB Leaded Plastic Package
TO-126 CDIL-TO-126 Datasheet
169Kb / 4P
TO-126 Leaded Plastic Package
GBU CDIL-GBU Datasheet
328Kb / 3P
GBU (4 Leads) In-line Leaded Plastic Package
DB-1 CDIL-DB-1 Datasheet
145Kb / 3P
DB-1 Leaded Plastic Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com