Electronic Components Datasheet Search
  English  ▼

X  

KTY10 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # KTY10
Description  Silicon Spreading Resistance Temperature Sensor in Leaded Plastic Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

KTY10 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  KTY10 Datasheet HTML 1Page - Siemens Semiconductor Group KTY10 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KT- and KTY-Series Temperature Sensors
Semiconductor Group
2
1) ESD Class 1. When the temperature sensor is operated with long supply leads, it should be protected through
the parallel connection of a > 10 nF capacitor to prevent damage to the sensor through induced voltage peaks.
Package Outline
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
Maximum operating voltage 1)
T
A ≤ 25 ˚C, t ≤ 10 ms
V
opmax
25
V
Maximum operating current
I
opmax
7
mA
Peak operating current
T
A ≤ 25 ˚C, t ≤ 10 ms
I
opp
10
mA
Operating temperature range
T
op
− 50 … + 150
˚C
Storage temperature range
T
stg
− 50 … + 150
˚C
Modified TO-92
Weight approx. 0.25 g
Dimensions in mm
Exterior Packaging
I.e. tubes, trays, boxes are shown in our Data Book “Package Information”.
KT 100
KTY 10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com