Electronic Components Datasheet Search
  English  ▼

X  

CC430F6137IRGC Datasheet(PDF) 71 Page - Texas Instruments

Part # CC430F6137IRGC
Description  MSP430??SoC with RF Core
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F6137IRGC Datasheet(HTML) 71 Page - Texas Instruments

Back Button CC430F6137IRGC Datasheet HTML 67Page - Texas Instruments CC430F6137IRGC Datasheet HTML 68Page - Texas Instruments CC430F6137IRGC Datasheet HTML 69Page - Texas Instruments CC430F6137IRGC Datasheet HTML 70Page - Texas Instruments CC430F6137IRGC Datasheet HTML 71Page - Texas Instruments CC430F6137IRGC Datasheet HTML 72Page - Texas Instruments CC430F6137IRGC Datasheet HTML 73Page - Texas Instruments CC430F6137IRGC Datasheet HTML 74Page - Texas Instruments CC430F6137IRGC Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 121 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554F
– MAY 2009 – REVISED DECEMBER 2011
Flash Memory
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
DVCC(PGM/ERASE) Program and erase supply voltage
1.8
3.6
V
IPGM
Average supply current from DVCC during program
3
5
mA
IERASE
Average supply current from DVCC during erase
2
mA
IMERASE, IBANK
Average supply current from DVCC during mass erase or bank erase
2
mA
tCPT
Cumulative program time(1)
16
ms
Program/erase endurance
104
105
cycles
tRetention
Data retention duration
TJ = 25°C
100
years
tWord
Word or byte program time(2)
64
85
µs
tBlock, 0
Block program time for first byte or word(2)
49
65
µs
Block program time for each additional byte or word, except for last
tBlock, 1–(N–1)
37
49
µs
byte or word(2)
tBlock, N
Block program time for last byte or word(2)
55
73
µs
Erase time for segment erase, mass erase, and bank erase when
tErase
23
32
ms
available(2)
MCLK frequency in marginal read mode
fMCLK,MGR
0
1
MHz
(FCTL4.MGR0 = 1 or FCTL4. MGR1 = 1)
(1)
The cumulative program time must not be exceeded when writing to a 128-byte flash block. This parameter applies to all programming
methods: individual word/byte write and block write modes.
(2)
These values are hardwired into the flash controller
's state machine.
JTAG and Spy-Bi-Wire Interface
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
fSBW
Spy-Bi-Wire input frequency
2.2 V/3 V
0
20
MHz
tSBW,Low
Spy-Bi-Wire low clock pulse length
2.2 V/3 V
0.025
15
µs
Spy-Bi-Wire enable time (TEST high to acceptance of first clock
tSBW, En
2.2 V/3 V
1
µs
edge)(1)
tSBW,Rst
Spy-Bi-Wire return to normal operation time
15
100
µs
2.2 V
0
5
MHz
fTCK
TCK input frequency - 4-wire JTAG(2)
3 V
0
10
MHz
Rinternal
Internal pull-down resistance on TEST
2.2 V/3 V
45
60
80
k
Ω
(1)
Tools accessing the Spy-Bi-Wire interface need to wait for the minimum tSBW,En time after pulling the TEST/SBWTCK pin high before
applying the first SBWTCK clock edge.
(2)
fTCK may be restricted to meet the timing requirements of the module selected.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com