Electronic Components Datasheet Search
  English  ▼

X  

CC430F6137IRGC Datasheet(PDF) 21 Page - Texas Instruments

Part # CC430F6137IRGC
Description  MSP430??SoC with RF Core
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC430F6137IRGC Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC430F6137IRGC Datasheet HTML 17Page - Texas Instruments CC430F6137IRGC Datasheet HTML 18Page - Texas Instruments CC430F6137IRGC Datasheet HTML 19Page - Texas Instruments CC430F6137IRGC Datasheet HTML 20Page - Texas Instruments CC430F6137IRGC Datasheet HTML 21Page - Texas Instruments CC430F6137IRGC Datasheet HTML 22Page - Texas Instruments CC430F6137IRGC Datasheet HTML 23Page - Texas Instruments CC430F6137IRGC Datasheet HTML 24Page - Texas Instruments CC430F6137IRGC Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 121 page
background image
ECCN 5E002 TSPA - Technology / Software Publicly Available
CC430F613x
CC430F612x
CC430F513x
www.ti.com
SLAS554F
– MAY 2009 – REVISED DECEMBER 2011
Port Mapping Controller
The port mapping controller allows the flexible and re-configurable mapping of digital functions to port pins of
ports P1 through P3.
Table 9. Port Mapping, Mnemonics, and Functions
Value
PxMAPy Mnemonic
Input Pin Function (PxDIR.y=0)
Output Pin Function (PxDIR.y=1)
0
PM_NONE
None
DVSS
Comparator_B output (on TA0 clock
PM_CBOUT0
input)
1(1)
PM_TA0CLK
TA0 clock input
-
Comparator_B output (on TA1 clock
PM_CBOUT1
-
input)
2(1)
PM_TA1CLK
TA1 clock input
-
3
PM_ACLK
None
ACLK output
4
PM_MCLK
None
MCLK output
5
PM_SMCLK
None
SMCLK output
6
PM_RTCCLK
None
RTCCLK output
PM_ADC12CLK
-
ADC12CLK output
7(1)
PM_DMAE0
DMA external trigger input
-
8
PM_SVMOUT
None
SVM output
9
PM_TA0CCR0A
TA0 CCR0 capture input CCI0A
TA0 CCR0 compare output Out0
10
PM_TA0CCR1A
TA0 CCR1 capture input CCI1A
TA0 CCR1 compare output Out1
11
PM_TA0CCR2A
TA0 CCR2 capture input CCI2A
TA0 CCR2 compare output Out2
12
PM_TA0CCR3A
TA0 CCR3 capture input CCI3A
TA0 CCR3 compare output Out3
13
PM_TA0CCR4A
TA0 CCR4 capture input CCI4A
TA0 CCR4 compare output Out4
14
PM_TA1CCR0A
TA1 CCR0 capture input CCI0A
TA1 CCR0 compare output Out0
15
PM_TA1CCR1A
TA1 CCR1 capture input CCI1A
TA1 CCR1 compare output Out1
16
PM_TA1CCR2A
TA1 CCR2 capture input CCI2A
TA1 CCR2 compare output Out2
PM_UCA0RXD
USCI_A0 UART RXD (Direction controlled by USCI - input)
17(2)
PM_UCA0SOMI
USCI_A0 SPI slave out master in (direction controlled by USCI)
PM_UCA0TXD
USCI_A0 UART TXD (Direction controlled by USCI - output)
18(2)
PM_UCA0SIMO
USCI_A0 SPI slave in master out (direction controlled by USCI)
PM_UCA0CLK
USCI_A0 clock input/output (direction controlled by USCI)
19(3)
PM_UCB0STE
USCI_B0 SPI slave transmit enable (direction controlled by USCI - input)
PM_UCB0SOMI
USCI_B0 SPI slave out master in (direction controlled by USCI)
20(4)
PM_UCB0SCL
USCI_B0 I2C clock (open drain and direction controlled by USCI)
PM_UCB0SIMO
USCI_B0 SPI slave in master out (direction controlled by USCI)
21(4)
PM_UCB0SDA
USCI_B0 I2C data (open drain and direction controlled by USCI)
PM_UCB0CLK
USCI_B0 clock input/output (direction controlled by USCI)
22(5)
PM_UCA0STE
USCI_A0 SPI slave transmit enable (direction controlled by USCI - input)
23
PM_RFGDO0
Radio GDO0 (direction controlled by Radio)
24
PM_RFGDO1
Radio GDO1 (direction controlled by Radio)
25
PM_RFGDO2
Radio GDO2 (direction controlled by Radio)
26
Reserved
None
DVSS
(1)
Input or output function is selected by the corresponding setting in the port direction register PxDIR.
(2)
UART or SPI functionality is determined by the selected USCI mode.
(3)
UCA0CLK function takes precedence over UCB0STE function. If the mapped pin is required as UCA0CLK input or output USCI_B0 will
be forced to 3-wire SPI mode even if 4-wire mode is selected.
(4)
SPI or I2C functionality is determined by the selected USCI mode. In case the I2C functionality is selected the output of the mapped pin
drives only the logical 0 to VSS level.
(5)
UCB0CLK function takes precedence over UCA0STE function. If the mapped pin is required as UCB0CLK input or output USCI_A0 will
be forced to 3-wire SPI mode even if 4-wire mode is selected.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com