Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 8Page - Texas Instruments CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
RESET_N
Px.n
T0299-01
1
2
CC2541
SWRS110A
– JANUARY 2012 – REVISED FEBRUARY 2012
www.ti.com
ADC CHARACTERISTICS (continued)
TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power consumption
1.2
mA
Internal reference VDD coefficient
4
mV/V
Internal reference temperature
0.4
mV/10
°C
coefficient
Internal reference voltage
1.15
V
CONTROL INPUT AC CHARACTERISTICS
TA = –40°C to 85°C, VDD = 2 V to 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
The undivided system clock is 32 MHz when crystal oscillator is used.
System clock, fSYSCLK
The undivided system clock is 16 MHz when calibrated 16-MHz RC
16
32
MHz
tSYSCLK = 1/ fSYSCLK
oscillator is used.
See item 1, Figure 2. This is the shortest pulse that is recognized as
a complete reset pin request. Note that shorter pulses may be
RESET_N low duration
1
µs
recognized but do not lead to complete reset of all modules within the
chip.
See item 2, Figure 2.This is the shortest pulse that is recognized as
Interrupt pulse duration
20
ns
an interrupt request.
Figure 2. Control Input AC Characteristics
12
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com