Electronic Components Datasheet Search
  English  ▼

X  

CC2541 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541
Description  2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2541 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2541 Datasheet HTML 9Page - Texas Instruments CC2541 Datasheet HTML 10Page - Texas Instruments CC2541 Datasheet HTML 11Page - Texas Instruments CC2541 Datasheet HTML 12Page - Texas Instruments CC2541 Datasheet HTML 13Page - Texas Instruments CC2541 Datasheet HTML 14Page - Texas Instruments CC2541 Datasheet HTML 15Page - Texas Instruments CC2541 Datasheet HTML 16Page - Texas Instruments CC2541 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SCK
SSN
MOSI
MISO
D0
D1
X
D0
X
t
2
t
4
t
6
t
7
t
5
t
3
X
T0478-01
CC2541
www.ti.com
SWRS110A
– JANUARY 2012 – REVISED FEBRUARY 2012
SPI AC CHARACTERISTICS
TA = –40°C to 85°C, VDD = 2 V to 3.6 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Master, RX and TX
250
t1
SCK period
ns
Slave, RX and TX
250
SCK duty cycle
Master
50%
Master
63
t2
SSN low to SCK
ns
Slave
63
Master
63
t3
SCK to SSN high
ns
Slave
63
t4
MOSI early out
Master, load = 10 pF
7
ns
t5
MOSI late out
Master, load = 10 pF
10
ns
t6
MISO setup
Master
90
ns
t7
MISO hold
Master
10
ns
SCK duty cycle
Slave
50%
ns
t10
MOSI setup
Slave
35
ns
t11
MOSI hold
Slave
10
ns
t9
MISO late out
Slave, load = 10 pF
95
ns
Master, TX only
8
Master, RX and TX
4
Operating frequency
MHz
Slave, RX only
8
Slave, RX and TX
4
Figure 3. SPI Master AC Characteristics
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CC2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com