Electronic Components Datasheet Search
  English  ▼

X  

CC2571 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CC2571
Description  1- and 8-Channel ANT??RF Network Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2571 Datasheet(HTML) 4 Page - Texas Instruments

  CC2571 Datasheet HTML 1Page - Texas Instruments CC2571 Datasheet HTML 2Page - Texas Instruments CC2571 Datasheet HTML 3Page - Texas Instruments CC2571 Datasheet HTML 4Page - Texas Instruments CC2571 Datasheet HTML 5Page - Texas Instruments CC2571 Datasheet HTML 6Page - Texas Instruments CC2571 Datasheet HTML 7Page - Texas Instruments CC2571 Datasheet HTML 8Page - Texas Instruments CC2571 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
OSILayer1: Physical
Media,signalingandtransmission
OSILayer2: Datalink
LLCandMACsublayers(e.g.Physicaladdressing)
OSILayer3: Network
PathdeterminationandIP (e.g.Logicaladdressing)
OSILayer4: Transport
Endtoendconnectionsandreliability
M0210-01
OSILayer5: Session
Inter-hostcommunication
OSILayer6: Presentation
Datapresentationandencryption
OSILayer 7: Application
Applicationwrittentorunonthenetwork
UserDefined
ANT Protocol
2.4GHzRadio
M0211-01
HostMCU
(e.g.MSP430)
ANT
(e.g.CC2571)
UART orSPI
CC2570
CC2571
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
Figure 1. ANT OSI Layers
The following sections offer a broad overview of the many features of ANT. For a detailed description of ANT and
ANT+, please visit www.thisisant.com or www.ti.com/ant.
ANT NODES
An ANT node is any device that is capable of ANT wireless communications. It typically coconsists of an ANT
chip, such as the TI CC2571, and an application host MCU, such as an MSP-430. The interface between the
ANT chip and the host MCU is serial UART or SPI, depending on the requirements of the application. There is
also a bit-synchronous serial protocol available, which may be fully implemented in software for very
resource-constrained systems. The overhead required to interface to ANT is minimal, typically requiring less than
1K of flash space to implement a simple API. A block diagram of an ANT node is depicted in Figure 2.
Figure 2. ANT Node
ANT nodes may host multiple ANT channel endpoints, up to eight for the CC2571. Examples of ANT nodes
include wireless watches, heart-rate straps, smart phones, glucose meters, blood-pressure monitors, and other
sports and medical sensors.
4
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com