Electronic Components Datasheet Search
  English  ▼

X  

CC2571 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CC2571
Description  1- and 8-Channel ANT??RF Network Processors
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2571 Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC2571 Datasheet HTML 9Page - Texas Instruments CC2571 Datasheet HTML 10Page - Texas Instruments CC2571 Datasheet HTML 11Page - Texas Instruments CC2571 Datasheet HTML 12Page - Texas Instruments CC2571 Datasheet HTML 13Page - Texas Instruments CC2571 Datasheet HTML 14Page - Texas Instruments CC2571 Datasheet HTML 15Page - Texas Instruments CC2571 Datasheet HTML 16Page - Texas Instruments CC2571 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
RESET
RTS
UART RX
SLEEP
UART TX
SUSPEND
Vcc
X201
X200
L202
X202
X203
Vcc
Vcc
Vcc
Vcc
Vcc
X207
X208
L204
1
2
X1
Host MCU
Host MCU
Asynchronous Mode
L203
Antenna
1
2
3
4
5
6
7
8
9
10
21
22
23
24
25
26
27
28
29
30
GND
GND
GND
GND
BR3/FAST SPI
DVDD2
BR2/SCLK
TxD/SOUT
BR1/SFLOW
RxD/SIN
AVDD4
AVDD1
R_BIAS
AVDD5
XOSC_Q1
RF_N
RF_P
AVDD3
XOSC_Q2
AVDD2
C200
C208
C209
C211
C207
C206
C202
C205
C204
Set
Baud
Rate
C210
C203
R200
C201
U200
CC257X
X3
S0505-01
CC2570
CC2571
www.ti.com
SWRS095A
– FEBRUARY 2011 – REVISED MARCH 2011
The asynchronous serial interface may be used with a UART peripheral on an external MCU. The baud rates are
selectable via a hardware pin configuration.
Byte-synchronous serial may be used with an SPI peripheral (three-wire), though flow control must be
implemented in software using GPIOs. The bit-synchronous serial interface is designed to be implemented in
software on the external MCU, allowing the interface to be implemented using GPIOs only.
ASYNCHRONOUS SERIAL INTERFACE
The asynchronous serial interface is selected by setting the PORTSEL pin to VSS (GND). The asynchronous
serial interface is functionally equivalent to a standard UART with 8 data bits, no parity, and 1 stop bit. Unlike a
standard UART, the asynchronous serial interface supports unidirectional flow control only. Using the
asynchronous serial interface also requires that the host MCU tightly control the SLEEP state of the CC257x by
using the SLEEP and SUSPEND control lines. The following block diagram shows the interconnections required
for the asynchronous serial interface.
Figure 8. Asynchronous Serial Hardware Setup
The baud rate is selected using a hardware pin configuration using pins BR1, BR2, and BR3. Table 2 lists the
available baud rates and the corresponding pin configurations.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): CC2570 CC2571



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com