Electronic Components Datasheet Search
  English  ▼

X  

LS5436 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LS5436
Description  Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5436 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LS5436 Datasheet HTML 1Page - Siemens Semiconductor Group LS5436 Datasheet HTML 2Page - Siemens Semiconductor Group LS5436 Datasheet HTML 3Page - Siemens Semiconductor Group LS5436 Datasheet HTML 4Page - Siemens Semiconductor Group LS5436 Datasheet HTML 5Page - Siemens Semiconductor Group LS5436 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Semiconductor Group
5
1998-09-18
Durchlaßstrom
I
F = f (VF)
Forward current
T
A = 25˚C
Relative Lichtstärke
I
V/IV(20 mA) = f (IF)
Relative luminous intensity
T
A = 25˚C
Maximal zulässiger Durchlaßstrom
Max. permissible forward current
I
F = f (TA)
Relative Lichtstärke
I
V / IV(25˚C ) = f (TA)
Relative luminous intensity
I
F = 20 mA
V
OHL00232
F
F
Ι
10
-1
1.4
1.8
2.2
2.6
3.0 V 3.4
0
10
1
10
10
2
5
5
mA
5
1.0
Ι
OHL00233
F
-1
10
V
Ι
10
-3
-2
-1
0
1
10
10
10
10
10
0
10
1
10
2
5
5
5
55
mA
(20 mA)
Ι
V
superred
yellow
orange/amber
Τ
OHL00248
A
0
F
Ι
0
20
40
60
80 C 100
mA
5
10
15
20
25
30
35
yellow
T
OHL00238
0
V
Ι
-20
0
20
40
60
C
100
orange
A
0.4
0.8
1.2
1.6
2.0
Ι
V
(25 C)
yellow
amber
super-red
super-red
amber
yellow
orange
LS 5436, LA 5436, LO 5436, LY 5436



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com