Electronic Components Datasheet Search
  English  ▼

X  

LS5436 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # LS5436
Description  Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LS5436 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  LS5436 Datasheet HTML 1Page - Siemens Semiconductor Group LS5436 Datasheet HTML 2Page - Siemens Semiconductor Group LS5436 Datasheet HTML 3Page - Siemens Semiconductor Group LS5436 Datasheet HTML 4Page - Siemens Semiconductor Group LS5436 Datasheet HTML 5Page - Siemens Semiconductor Group LS5436 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Semiconductor Group
4
1998-09-18
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
OHL00235
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
Ι
rel
λ
Vλ
yellow
orange
amber
super-red
OHL00314
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0
φ
LS 5436, LA 5436, LO 5436, LY 5436



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com